Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7503 Datasheet(PDF) 10 Page - Agere Systems

Part # T7503
Description  T7503 Dual PCM Codec with Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7503 Datasheet(HTML) 10 Page - Agere Systems

Back Button T7503 Datasheet HTML 6Page - Agere Systems T7503 Datasheet HTML 7Page - Agere Systems T7503 Datasheet HTML 8Page - Agere Systems T7503 Datasheet HTML 9Page - Agere Systems T7503 Datasheet HTML 10Page - Agere Systems T7503 Datasheet HTML 11Page - Agere Systems T7503 Datasheet HTML 12Page - Agere Systems T7503 Datasheet HTML 13Page - Agere Systems T7503 Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Lucent Technologies Inc.
Data Sheet
February 1998
T7503 Dual PCM Codec with Filters
Timing Characteristics
Table 14. Clock Section (See Figures 5 and 6.)
Table 15. Transmit Section (See Figures 5 and 6.)
* Timing parameter tMCHDZ is referenced to a high-impedance state.
Table 16. Receive Section (See Figures 5 and 6.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tMCHMCL1
Clock Pulse Width
97
ns
tCDC
Duty Cycle, MC
40
60
%
tMCH1MCH2
tMCL2MCL1
Clock Rise and
Fall Time
0
15
ns
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tMCHDV
Data Enabled on TS Entry
0 < CLOAD < 100 pF
0
60
ns
tMCHDV1
Data Delay from MC
0 < CLOAD < 100 pF
0
60
ns
tMCHDZ*
Data Float on TS Exit
CLOAD = 0
10
100
ns
tFSHMCL
Frame-sync Hold Time
50
ns
tMCLFSH
Frame-sync High Setup
50
ns
tFSLMCL
Frame-sync Low Setup
50
ns
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tDVMCL
Receive Data Setup
30
ns
tMCLDV
Receive Data Hold
15
ns


Similar Part No. - T7503

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
E-SWITCH
T750000 E-SWITCH-T750000 Datasheet
168Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750001 E-SWITCH-T750001 Datasheet
164Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750002 E-SWITCH-T750002 Datasheet
189Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750003 E-SWITCH-T750003 Datasheet
179Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - T7503

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7502 AGERE-T7502 Datasheet
417Kb / 16P
   T7502 Dual PCM Codec with Filters
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com