Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393210-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1393210-5
Description  T9A Series, DC Coil 30A PCB or Panel Mount Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393210-5 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393210-5 Datasheet HTML 1Page - Tyco Electronics 2-1393210-5 Datasheet HTML 2Page - Tyco Electronics 2-1393210-5 Datasheet HTML 3Page - Tyco Electronics 2-1393210-5 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Relays
Power Relays
T9A Series, DC Coil 30A PCB or Panel Mount Relay
08-2012, Rev. 0812
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Contact ratings 1) (continued)
Type
Load
Cycles
UL 508/873
AgSnOInO, 1W coil
NO
30A, 240VAC, general purpose
100x103
NO
80LRA/30FLA, 240VAC
30x103
NC
10A, 250VAC, resistive
50x103
AgCdO, 900mW coil
NO
30A, 240VAC, general purpose
100x103
NO
18A, 240VAC, resistive, 105°C
100x103
NC
15A, 240VAC, resistive
6x103
NO
30LRA/15FLA, 240VAC
100x103
NO
50LRA/16FLA, 120VAC
100x103
NO
30LRA/11FLA, 120VAC
200x103
1) Contact ratings at 25°C (unless otherwise noteed) with relay properly vented. Remove
vent nib after soldering and cleaning.
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
5 to 110VDC
Max. coil power
110% of nominal
Max. coil temperature
155°C
Coil insulation system according UL
Class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
W
Code D (1W) coil
5
5
3.75
0.5
25
1
6
6
4.5
0.6
36
1
9
9
6.75
0.9
81
1
12
12
9
1.2
144
1
15
15
11.25
1.5
225
1
18
18
13.5
1.8
324
1
24
24
18
2.4
576
1
48
48
36
4.8
2304
1
110
110
82.5
11
12100
1
Code L (900W) coil
5
5
3.75
0.5
27
.9
6
6
4.5
0.6
40
.9
9
9
6.75
0.9
97
.9
12
12
9
1.2
155
.9
15
15
11.25
1.5
256
.9
18
18
13.5
1.8
380
.9
24
24
18
2.4
660
.9
48
48
36
4.8
2560
.9
110
110
82.5
11
13450
.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
n
30A switching in 1 form A (NO) and 20A in 1 form C (CO)
n
Plastic sealed case available
n
Meets UL 508 and 873 spacing - 3.18mm through air, 6.36mm over
surface
n
Option for load connections via 0.250”” (6.35mm) Q.C. terminals
n
UL class F insulation system standard
Typical applications
HVAC, Appliances, Industrial Controls
Approvals
UL E58304; CSA LR48471
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO), 1 form B (NC), 1 form C (CO)
Rated voltage
277VAC
Max. switching voltage
277VAC
Rated current
30A
15A
20A/10A
Limiting continuous current
30A
Contact material
AgSnOInO, AgCdO
Min. recommended contact load
1A, 5VDC or 12VAC
Initial contact resistance
75 mΩ at 1A at 5VDC or 12VAC
Frequency of operation, with/without load
360/3600hr
Operate/release time max., including bounce
15/15ms
Contact ratings 1)
Type
Load
Cycles
Factory
AgCdO, 1W coil
NO
30A, 240VAC, general purpose
100x103
NO
25A, 240VAC, resistive
100x103
CO
20A/10A, 240VAC, general purpose
100x103
CO
20A/10A, 240VAC, resistive
100x103
CO
20A/10A, 28VDC, resistive
100x103
UL 508/873
AgCdO, 1W coil
NO
30A, 240VAC, general purpose
100x103
NC
15A, 240VAC, general purpose
100x103
CO
20A/10A, 240VAC, general purpose
100x103
NO
25A, 240VAC, resistive
6x103
NC
20A, 240VAC, resistive
6x103
CO
16.75A/13.4A, 240VAC, resistive
6x103
NO
80LRA/30FLA, 240VAC
30x103
NC
30LRA/12FLA, 240VAC
30x103
CO
53.6LRA/20FLA / 20LRA/8FLA, 240VAC
30x103
NO
98LRA/22FLA, 120VAC
100x103
NO
2HP, 240VAC
1x103
NC
1/2HP, 240VAC
1x103
NO
1HP, 125VAC
1x103
NC
1/4HP, 125VAC
1x103
NO
10A, 277VAC, ballast
6x103
NC
3A, 277VAC, ballast
6x103
NO
8.3A, 120VAC, tungsten
6x103
NO
5.4A, 277VAC, tungsten
6x103
NO
470VA, 120VAC, pilot duty
30x103
NO
20A, 28VDC, resistive
100x103
NC
10A, 28VDC, resistive
100x103
AgCdO - Enhanced Version Only, 1W coil
NO
21A, 250VAC, resistive
250x103
NO
25A, 277VAC, resistive
100x103
1) Contact ratings at 25°C (unless otherwise noted) with relay properly vented. Remove
vent nib after soldering and cleaning.


Similar Part No. - 2-1393210-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1393210-5 TEC-2-1393210-5 Datasheet
736Kb / 4P
   Plastic sealed case available
2-1393210-5 TEC-2-1393210-5 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Similar Description - 2-1393210-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419104-8 MACOM-2-1419104-8 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
logo
TE Connectivity Ltd
T9AN1L22-24 TEC-T9AN1L22-24 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
logo
Tyco Electronics
2-1419104-0 MACOM-2-1419104-0 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1393210-4 MACOM-2-1393210-4 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
T9AV1D22-24 MACOM-T9AV1D22-24 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-2 MACOM-2-1419104-2 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-6 MACOM-2-1419104-6 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-3 MACOM-2-1419104-3 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-5 MACOM-2-1419104-5 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
2-1419104-1 MACOM-2-1419104-1 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com