Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R480WPAA Datasheet(PDF) 6 Page - Agere Systems

Part # R480WPAA
Description  R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R480WPAA Datasheet(HTML) 6 Page - Agere Systems

  R480WPAA Datasheet HTML 1Page - Agere Systems R480WPAA Datasheet HTML 2Page - Agere Systems R480WPAA Datasheet HTML 3Page - Agere Systems R480WPAA Datasheet HTML 4Page - Agere Systems R480WPAA Datasheet HTML 5Page - Agere Systems R480WPAA Datasheet HTML 6Page - Agere Systems R480WPAA Datasheet HTML 7Page - Agere Systems R480WPAA Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Agere Systems Inc.
R480-Type Lightwave Receiver with CML Data Output
Data Sheet, Rev. 1
for up to 2.488 Gbits/s Applications
September 2001
PWB Layout Guidelines
s
The data outputs are designed to drive 50
Ω loads.
s
Data output traces must be controlled-impedance lines and the termination impedance must match the line
impedance. Avoid 90
° bends in the traces. Paired lines (i.e., DATA and DATA) must be equal in length.
s
Data output lines should be as short and straight as possible and should be shielded from noise sources to pre-
vent noise from feeding back into the receiver.
s
Use high-quality multilayer printed-wiring boards. A ground plane should occupy the area directly beneath the
receiver.
1-934(C)d
Note 1: Data outputs must be ac-coupled on customer board. Use a 0.1
µF chip capacitor with a low ESR. For optimum receiver performance,
both data outputs must be terminated in equivalent loads, even if one of the outputs is not being used.
Note 2: The 0.1
µF VCC power supply bypass capacitors should be high-quality, low ESR chip capacitors that are located as close as possible to
the appropriate power supply leads and should provide a low-inductance path to the ground plane.
Figure 1. Biasing and Interfacing to the R480-Type 2.5 Gbits/s Receiver
8, 22
10
11
23
DATA
DATA
OILV
50
Ω TRANSMISSION
LOS (FLAG)
4, 7, 9, 12,
3
2.2
µF
15
µF
+5 V
0.1
µF
50
+
14—17, 19, 20
LINE (2X)
VCC
1
µH
0.1
µF
NOTE 2
NOTE 1


Similar Part No. - R480WPAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CMAA AGERE-R485CMAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CPAA AGERE-R485CPAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CPBB AGERE-R485CPBB Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485FMAA AGERE-R485FMAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
More results

Similar Description - R480WPAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
ON Semiconductor
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
ON Semiconductor
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com