Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R485FMAA Datasheet(PDF) 7 Page - Agere Systems

Part # R485FMAA
Description  R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R485FMAA Datasheet(HTML) 7 Page - Agere Systems

Back Button R485FMAA Datasheet HTML 2Page - Agere Systems R485FMAA Datasheet HTML 3Page - Agere Systems R485FMAA Datasheet HTML 4Page - Agere Systems R485FMAA Datasheet HTML 5Page - Agere Systems R485FMAA Datasheet HTML 6Page - Agere Systems R485FMAA Datasheet HTML 7Page - Agere Systems R485FMAA Datasheet HTML 8Page - Agere Systems R485FMAA Datasheet HTML 9Page - Agere Systems R485FMAA Datasheet HTML 10Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Advance Data Sheet, Rev. 1
October 2001
Recovery for 2.488 Gbits/s Applications
R485-Type Lightwave Receiver with Clock
Agere Systems Inc.
7
PWB Layout Guidelines
s
The data and clock outputs are designed to drive 50
Ω loads.
s
Clock and data output traces must be controlled-impedance lines and the termination impedance must match
the line impedance. Avoid 90
° bends in the traces. Paired lines (i.e., DATA and DATA) must be equal in length.
s
Data and clock output lines should be as short and straight as possible and should be shielded from noise
sources to prevent noise from feeding back into the receiver.
s
Use high-quality multilayer printed-wiring boards. A ground plane should occupy the area directly beneath the
receiver.
1-934(F)xxx
Note 1: Data and clock outputs must be ac-coupled on customer board. Use a 0.1
µF chip capacitor with a low ESR. For optimum receiver per-
formance, all four outputs must be terminated in equivalent loads, even if some of the outputs are not being used.
Note 2: The 0.1
µF VCC power supply bypass capacitors should be high-quality, low ESR chip capacitors that are located as close as possible to
the appropriate power supply leads and should provide a low inductance path to the ground plane.
Figure 4. Biasing and Interfacing to the R485-Type 2.5 Gbits/s Receiver
8, 22
5
6
10
11
CLOCK
CLOCK
DATA
DATA
50
Ω TRANSMISSION
4, 7, 9, 12,
2.2
µF
15
µF
+5 V
0.1
µF
50
+
14—17, 19, 20
LINE (4X)
VCC
1
µH
0.1
µF
NOTE 2
NOTE 1
LOS (FLAG)
3
0.1
µF
NIC
1
0.1
µF


Similar Part No. - R485FMAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R480 AGERE-R480 Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CMAA AGERE-R480CMAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CPAA AGERE-R480CPAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CPBB AGERE-R480CPBB Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480FMAA AGERE-R480FMAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
More results

Similar Description - R485FMAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R480 AGERE-R480 Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
OPLINK Communications I...
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com