Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P172PBCS Datasheet(PDF) 6 Page - Agere Systems

Part # P172PBCS
Description  P172-Type Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P172PBCS Datasheet(HTML) 6 Page - Agere Systems

  P172PBCS Datasheet HTML 1Page - Agere Systems P172PBCS Datasheet HTML 2Page - Agere Systems P172PBCS Datasheet HTML 3Page - Agere Systems P172PBCS Datasheet HTML 4Page - Agere Systems P172PBCS Datasheet HTML 5Page - Agere Systems P172PBCS Datasheet HTML 6Page - Agere Systems P172PBCS Datasheet HTML 7Page - Agere Systems P172PBCS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Agere Systems Inc.
Advance Data Sheet
P172-Type Receiver
August 2001
Outline Diagrams (continued)
P172-Type Gull-Wing Package
Dimensions are in inches and (millimeters).
0.170
(4.32)
0.315
(8.00)
432 1
567 8
0.045 (1.14)
NOSE GEOMETRY
CONNECTOR
FIBER
0.900 M
BEND LIMITER
0.974
(24.74)
MIN.
0.565
(14.35)
0.144
(3.66)
0.010
(0.25)
0.195
(4.95)
0.016 (0.41) 8 PLACES
0.155
(3.94)
STANDOFF
0.010(0.25) MAX
0.079
(2.01)
0.431
(10.95)
FIBER LENGTH
0.047
± 0.008
(1.19
± 0.20)
0.100
(2.54)
MIN
0.020
± 0.005
(0.50)
LEAD TRIM
µ
1-1057F.a


Similar Part No. - P172PBCS

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1727 ETAL-P1727 Datasheet
107Kb / 4P
   PICK-OFF TRANSFORMER
logo
PulseCore Semiconductor
P1727 PULSECORE-P1727 Datasheet
182Kb / 9P
   Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1727AF-08SR ONSEMI-P1727AF-08SR Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
P1727AG-08SR PULSECORE-P1727AG-08SR Datasheet
182Kb / 9P
   Low Power Notebook LCD Panel EMI Reduction IC
More results

Similar Description - P172PBCS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
GXB5005 SONY-GXB5005 Datasheet
131Kb / 12P
   SMD Type GPS Receiver Module
logo
Agere Systems
R768 AGERE-R768 Datasheet
91Kb / 6P
   R768-Type OC-768/STM-256 Lightweight Receiver
logo
IK Semicon Co., Ltd
IL6965 IKSEMICON-IL6965 Datasheet
2Mb / 24P
   Receiver follow impedance type can also be used
logo
Source Photonics, Inc.
T-11-1250-P3-SFC-APC SOURCE-T-11-1250-P3-SFC-APC Datasheet
470Kb / 3P
   1.25Gbps 3.3V PIN-TIA Receiver Modules- Pigtailed (APC Type)
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
   Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
   Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
   RECEIVER
1995
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
   RECEIVER
2009
logo
Sanyo Semicon Device
SVC707 SANYO-SVC707 Datasheet
23Kb / 3P
   Silicon Diffused Junction Type FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com