Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2860D023 Datasheet(PDF) 3 Page - Agere Systems

Part # R2860D023
Description  R2860D Digital Receiver OC-192/STM-64
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R2860D023 Datasheet(HTML) 3 Page - Agere Systems

  R2860D023 Datasheet HTML 1Page - Agere Systems R2860D023 Datasheet HTML 2Page - Agere Systems R2860D023 Datasheet HTML 3Page - Agere Systems R2860D023 Datasheet HTML 4Page - Agere Systems R2860D023 Datasheet HTML 5Page - Agere Systems R2860D023 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Agere Systems Inc.
Data Sheet, Rev. 2
September 2001
R2860D Digital Receiver OC-192/STM-64
Pin Information
Characteristic Curve
Figure 1. Eye Pattern at 10 Gbits/s
Block Diagram
Table 2. Pin Descriptions
Pin No.
Description
1NC
28 V (VCC)
38 V (VPD)
4NC
5NC
6
Ground
TRANSIMPEDANCE
AMPLIFIER
IN
OUT
GND
PIN
PHOTODIODE
PROTECTION
DIODE
1
NC
2
8 V
VCC
3
8 V
VPD
4
NC
5
NC
6
GND
RF OUT
1-1173(F)
1-1174(F)


Similar Part No. - R2860D023

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R28601BHL OKAYA-R28601BHL Datasheet
75Kb / 1P
   SURGE PROTECTIVE DEVICES
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
R2860A023 AGERE-R2860A023 Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
R2860A040 AGERE-R2860A040 Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
R2860A050 AGERE-R2860A050 Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
More results

Similar Description - R2860D023

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
R2862A AGERE-R2862A Datasheet
97Kb / 6P
   R2862A Digital 2R Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Silicon Laboratories
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
   SiPHY OC-192/STM-64 TRANSMITTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com