Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P171B046BAF Datasheet(PDF) 7 Page - Agere Systems

Part # P171B046BAF
Description  P171-Type PIN/Preamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P171B046BAF Datasheet(HTML) 7 Page - Agere Systems

  P171B046BAF Datasheet HTML 1Page - Agere Systems P171B046BAF Datasheet HTML 2Page - Agere Systems P171B046BAF Datasheet HTML 3Page - Agere Systems P171B046BAF Datasheet HTML 4Page - Agere Systems P171B046BAF Datasheet HTML 5Page - Agere Systems P171B046BAF Datasheet HTML 6Page - Agere Systems P171B046BAF Datasheet HTML 7Page - Agere Systems P171B046BAF Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Advance Data Sheet
November 2000
P171-Type PIN/Preamp
7
Agere Systems Inc.
Qualification Information
The P171-type PIN/preamp is scheduled to complete the following qualification tests and meets the intent of
Tel-
cordia Technologies TR-NWT-000468 for interoffice environments and TA-NWT-000983 for outside plant environ-
ments.
Table 5. P171-Type PIN/Preamp Qualification Test Plan
Test
Conditions
Sample Size
Reference
Mechanical Shock
500 G
11
MIL-STD-883
Method 2002
Vibration
20 g, 20 Hz—2000 Hz
11
MIL-STD-883
Method 2007
Solderability
11
MIL-STD-883
Method 2007
Thermal Shock
∆T = 100 °C
11
MIL-STD-883
Method 2003
Fiber Pull
1 kg; 3 times
11
Telcordia Technolo-
gies 983
Accelerated (biased) Aging
85
°C, 5000 hrs.
25
Telcordia Technolo-
gies 983
Section 5.18
High-temperature Storage
85
°C, 2000 hrs.
11
Telcordia Technolo-
gies 983
Temperature Cycling
500 cycles
11
Telcordia Technolo-
gies 983
Section 5.20
Cyclic Moisture Resistance
10 cycles
11
Telcordia Technolo-
gies 983
Section 5.23
Damp Heat
40
°C, 95% RH, 1344 hrs.
11
MIL-STD-202
Method 103
Internal Moisture
<5000 ppm water vapor
11
MIL-STD-883
Method 1018
Flammability
TR357
Section 4.4.2.5
ESD Threshold
6
Telcordia Technolo-
gies 983
Section 5.22


Similar Part No. - P171B046BAF

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P171004 MPSIND-P171004 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
P171004-100 MPSIND-P171004-100 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
P171004-101 MPSIND-P171004-101 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
P171004-150 MPSIND-P171004-150 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
P171004-151 MPSIND-P171004-151 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - P171B046BAF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
Eudyna Devices Inc
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z232LY EUDYNA-FRM3Z232LY Datasheet
224Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM5J141GW EUDYNA-FRM5J141GW Datasheet
308Kb / 4P
   InGaAs-PIN/Preamp Receiver
logo
Mitel Networks Corporat...
8C443 MITEL-8C443 Datasheet
182Kb / 9P
   PIN/Preamp(Datacom, Telecom)
logo
Eudyna Devices Inc
FRM3Z121KT EUDYNA-FRM3Z121KT Datasheet
121Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM5J142GW EUDYNA-FRM5J142GW Datasheet
315Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
List of Unclassifed Man...
FRM3Z621KT ETC1-FRM3Z621KT Datasheet
278Kb / 5P
   InGaAs-PIN/Preamp Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com