Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0302CS-2N1XJL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0302CS-2N1XJL
Description  20% smaller than our 0402CS inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0302CS-2N1XJL Datasheet(HTML) 2 Page - Coilcraft lnc.

  0302CS-2N1XJL Datasheet HTML 1Page - Coilcraft lnc. 0302CS-2N1XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
0302CS Series (0805)
Document 302-2
Document 302-2 Revised 11/01/12
110
100
1000
10000
Frequency (MHz)
0
90
80
70
60
50
40
30
20
10
0.67 nH
2.1 nH
13.0 nH
6.0 nH
34.0 nH
110
100
1000
10000
Frequency (MHz)
0
45
40
35
30
25
20
15
10
5
0.67 nH
2.1 nH
6.0 nH
13.0 nH
34.0 nH
Typical L vs Frequency
Typical Q vs Frequency
Irms Derating
-40 -20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Designer’s Kit C370 contains 20 each of all values
Core material Ceramic
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-platinum-glass frit.
Weight 0.4–0.5mg
Ambient temperature –40°Cto+125°CwithIrmscurrent,+125°C
to+155°Cwithderatedcurrent
Storage temperature Component:–40°Cto+155°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +25to+125ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Paper tape: 8 mm wide, 0.5 mm thick,
2 mm pocket spacing
PCB washing Only pure water or alcohol recommended
Amax Bmax
Cmax
D
E
F
G
H
0.034
0.021
0.018
0.006
0.015 0.010 0.014 0.021 inches
0,86
0,53
0,45
0,20
0,38
0,25
0,36
0,53 mm
F
F
G
H
Recommended
Land Pattern
A
B
overall
E
terminal
D
D
C
Terminal wraparound:
approx 0.006/0,15 both ends
Pick and
place
material


Similar Part No. - 0302CS-2N1XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0302CS-2N1XJL COILCRAFT-0302CS-2N1XJL Datasheet
216Kb / 2P
   Chip Inductors
0302CS-2N1XJLU COILCRAFT-0302CS-2N1XJLU Datasheet
110Kb / 2P
   Chip Inductors - 0302CS (0805)
0302CS-2N1XJLW COILCRAFT-0302CS-2N1XJLW Datasheet
110Kb / 2P
   Chip Inductors - 0302CS (0805)
More results

Similar Description - 0302CS-2N1XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-5N6XJLW COILCRAFT-0402CS-5N6XJLW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
   Higher SRF than our other power inductors, High inductance with tight tolerance
logo
Panasonic Semiconductor
EET-HC2W151CA PANASONIC-EET-HC2W151CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com