Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR4E2 Datasheet(PDF) 6 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 6 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 2Page - Agere Systems OR4E2 Datasheet HTML 3Page - Agere Systems OR4E2 Datasheet HTML 4Page - Agere Systems OR4E2 Datasheet HTML 5Page - Agere Systems OR4E2 Datasheet HTML 6Page - Agere Systems OR4E2 Datasheet HTML 7Page - Agere Systems OR4E2 Datasheet HTML 8Page - Agere Systems OR4E2 Datasheet HTML 9Page - Agere Systems OR4E2 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
6
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Product Description
Architecture Overview
The ORCA Series 4 architecture is a new generation of
SRAM-based programmable devices from Lucent
Technologies Microelectronics Group. It includes
enhancements and innovations geared toward today’s
high-speed systems on a single chip. Designed with
networking applications in mind, the Series 4 family
incorporates system-level features that can further
reduce logic requirements and increase system speed.
ORCA Series 4 devices contain many new patented
enhancements and are offered in a variety of packages
and speed grades.
The hierarchical architecture of the logic, clocks, rout-
ing, RAM, and system-level blocks create a seamless
merge of FPGA and ASIC designs. Modular hardware
and software technologies enable system-on-chip inte-
gration with true plug-and-play design implementation.
The architecture consists of four basic elements: pro-
grammable logic cells (PLCs), programmable input/out-
put cells (PIOs), embedded block RAMs (EBRs), and
system-level features. These elements are intercon-
nected with a rich routing fabric of both global and local
wires. An array of PLCs and its associated resources
are surrounded by common interface blocks (CIBs) that
provide an abundant interface to the adjacent PIOs or
system blocks. Routing congestion around these criti-
cal blocks is eliminated by the use of the same routing
fabric implemented within the programmable logic core.
PICs provide the logical interface to the PIOs which
provide the boundary interface off and onto the device.
Also, the interquad routing blocks (hIQ, vIQ) separate
the quadrants of the PLC array and provide the global
routing and clocking elements. Each PLC contains a
PFU, SLIC, local routing resources, and configuration
RAM. Most of the FPGA logic is performed in the PFU,
but decoders, PAL-like functions, and 3-state buffering
can be performed in the SLIC. The PIOs provide device
inputs and outputs and can be used to register signals
and to perform input demultiplexing, output multiplex-
ing, uplink and downlink functions, and other functions
on two output signals.
The Series 4 architecture integrates macrocell blocks
of memory known as EBR. The blocks run horizontally
across the PLC array and provide flexible memory
functionality. Large blocks of 512 x 18 quad-port RAM
complement the existing distributed PFU memory. The
RAM blocks can be used to implement RAM, ROM,
FIFO, multiplier, and CAM.
System-level functions such as a microprocessor inter-
face, PLLs, embedded system bus elements (located in
the corners of the array), the routing resources, and
configuration RAM are also integrated elements of the
architecture.


Similar Part No. - OR4E2

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR4E02 LATTICE-OR4E02 Datasheet
2Mb / 152P
   ORCASeries 4 FPGAs
OR4E02-1BA352C LATTICE-OR4E02-1BA352C Datasheet
2Mb / 152P
   ORCASeries 4 FPGAs
OR4E02-1BA352I LATTICE-OR4E02-1BA352I Datasheet
2Mb / 152P
   ORCASeries 4 FPGAs
OR4E02-1BM416C LATTICE-OR4E02-1BM416C Datasheet
2Mb / 152P
   ORCASeries 4 FPGAs
OR4E02-1BM416I LATTICE-OR4E02-1BM416I Datasheet
2Mb / 152P
   ORCASeries 4 FPGAs
More results

Similar Description - OR4E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com