Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-09-2122 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-09-2122
Description  2.36mm Diameter Standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

03-09-2122 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-09-2122 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/20/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-2122
Status:
Active
Overview:
Standard .093"
Description:
2.36mm Diameter Standard .093" Pin and Socket Plug Housing, 12 Circuits, 3 Rows
Documents:
3D Model
Product Specification PS-43660-9999 (PDF)
Drawing (PDF)
Packaging Specification PK-1360-001 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1360
Application
Power, Wire-to-Wire
Comments
12.5A max. can be achieved when housing is used with
42477 or 42478 terminals
MolexKits
Yes
Overview
Standard .093"
Product Name
Standard .093"
Physical
Circuits (maximum)
12
Color - Resin
Natural
Flammability
94V-2
Gender
Dual
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
3
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
9.5A
Material Info
Old Part Number
1360-P1
UPC
800753618886
Reference - Drawing Numbers
Packaging Specification
PK-1360-001
Product Specification
PS-02-09, PS-43660-9999
Sales Drawing
SD-1360-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1360Series
Mates With
1360r
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271
This document was generated on 06/20/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 03-09-2122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-2122 MOLEX1-03-09-2122 Datasheet
170Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
logo
MolexKits
03-09-2122 MOLEXKITS-03-09-2122 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
03-09-2122 MOLEXKITS-03-09-2122 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 12 Circuit
logo
Molex Electronics Ltd.
03-09-2122 MOLEX1-03-09-2122 Datasheet
171Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
03-09-2122 MOLEX11-03-09-2122 Datasheet
44Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
More results

Similar Description - 03-09-2122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-1027 MOLEX1-03-09-1027 Datasheet
43Kb / 2P
   2.36mm Diameter Standard
03-09-2032 MOLEX1-03-09-2032 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
03-09-1011 MOLEX1-03-09-1011 Datasheet
39Kb / 1P
   2.36mm Diameter Standard
03-09-2092 MOLEX1-03-09-2092 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2049 MOLEX1-03-09-2049 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
03-09-1122 MOLEX1-03-09-1122 Datasheet
42Kb / 1P
   2.36mm Diameter Standard
03-09-2022 MOLEX1-03-09-2022 Datasheet
45Kb / 2P
   2.36mm Diameter Standard
03-09-2159 MOLEX1-03-09-2159 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2121 MOLEX1-03-09-2121 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2151 MOLEX1-03-09-2151 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com