Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-09-2091 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-09-2091
Description  2.36mm Diameter Standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

03-09-2091 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-09-2091 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/09/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-2091
Status:
Active
Overview:
Standard .093"
Description:
2.36mm Diameter Standard .093" Pin and Socket Plug Housings, 9 Circuits, 3 Rows
Documents:
3D Model
Product Specification PS-1292-002 (PDF)
Drawing (PDF)
Product Specification PS-42477 (PDF)
Product Specification PS-02-09 (PDF)
Product Specification PS-43660-9999 (PDF)
Product Specification PS-1292-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1292
Application
Power, Wire-to-Wire
Comments
14.0A max. can be achieved when housing is used with
42477 or 42478 terminals
MolexKits
Yes
Overview
Standard .093"
Product Name
Standard .093"
UPC
800753614871
Physical
Circuits (maximum)
9
Color - Resin
Natural
Flammability
94V-2
Gender
Dual
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
4.687/g
Number of Rows
3
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
11A
Material Info
Old Part Number
1292-P
Reference - Drawing Numbers
Product Specification
PS-02-09, PS-1292-001, PS-1292-002, PS-42477,
PS-43660-9999
Sales Drawing
SD-1292-0001, SD-1292-0002, SD-1292-0003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1292Series
Mates With
03-09-1091 , 03-09-1092 , 03-09-1093 ,
03-09-1094
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271
This document was generated on 04/09/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 03-09-2091

ManufacturerPart #DatasheetDescription
logo
MolexKits
03-09-2091 MOLEXKITS-03-09-2091 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
03-09-2091 MOLEXKITS-03-09-2091 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
logo
Molex Electronics Ltd.
03-09-2091 MOLEX1-03-09-2091 Datasheet
154Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
03-09-2091 MOLEX11-03-09-2091 Datasheet
46Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
03-09-2091-P MOLEX1-03-09-2091-P Datasheet
154Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
More results

Similar Description - 03-09-2091

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-1027 MOLEX1-03-09-1027 Datasheet
43Kb / 2P
   2.36mm Diameter Standard
03-09-2032 MOLEX1-03-09-2032 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
03-09-1011 MOLEX1-03-09-1011 Datasheet
39Kb / 1P
   2.36mm Diameter Standard
03-09-2092 MOLEX1-03-09-2092 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2049 MOLEX1-03-09-2049 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
03-09-1122 MOLEX1-03-09-1122 Datasheet
42Kb / 1P
   2.36mm Diameter Standard
03-09-2022 MOLEX1-03-09-2022 Datasheet
45Kb / 2P
   2.36mm Diameter Standard
03-09-2159 MOLEX1-03-09-2159 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2121 MOLEX1-03-09-2121 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2122 MOLEX1-03-09-2122 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2151 MOLEX1-03-09-2151 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com