Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-09-2062 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-09-2062
Description  2.36mm Diameter Standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

03-09-2062 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-09-2062 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/20/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-2062
Status:
Active
Overview:
Standard .093"
Description:
2.36mm Diameter Standard .093" Pin and Socket Plug Housing, 6 Circuits, Dual Row
Documents:
3D Model
Product Specification PS-43660-9999 (PDF)
Drawing (PDF)
Packaging Specification PK-1261-001 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1261
Application
Power, Wire-to-Wire
Comments
14.0A max. can be achieved when housing is used with
42477 or 42478 terminals
Overview
Standard .093"
Product Name
Standard .093"
Physical
Circuits (maximum)
6
Color - Resin
Natural
Flammability
94V-2
Gender
Dual
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
11A
Material Info
Old Part Number
1261-P1
UPC
800753618879
Reference - Drawing Numbers
Packaging Specification
PK-1261-001
Product Specification
PS-02-09, PS-43660-9999
Sales Drawing
SD-1261-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1261Series
Mates With
1261r
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271
This document was generated on 06/20/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 03-09-2062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-2062 MOLEX1-03-09-2062 Datasheet
189Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
03-09-2062 MOLEX1-03-09-2062 Datasheet
189Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
03-09-2062 MOLEX11-03-09-2062 Datasheet
45Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
03-09-2062-P MOLEX1-03-09-2062-P Datasheet
189Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
03-09-2062-V MOLEX1-03-09-2062-V Datasheet
189Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 6 Circuits, Dual Row
More results

Similar Description - 03-09-2062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-1027 MOLEX1-03-09-1027 Datasheet
43Kb / 2P
   2.36mm Diameter Standard
03-09-2032 MOLEX1-03-09-2032 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
03-09-1011 MOLEX1-03-09-1011 Datasheet
39Kb / 1P
   2.36mm Diameter Standard
03-09-2092 MOLEX1-03-09-2092 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2049 MOLEX1-03-09-2049 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
03-09-1122 MOLEX1-03-09-1122 Datasheet
42Kb / 1P
   2.36mm Diameter Standard
03-09-2022 MOLEX1-03-09-2022 Datasheet
45Kb / 2P
   2.36mm Diameter Standard
03-09-2159 MOLEX1-03-09-2159 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2121 MOLEX1-03-09-2121 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2122 MOLEX1-03-09-2122 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2151 MOLEX1-03-09-2151 Datasheet
45Kb / 1P
   2.36mm Diameter Standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com