Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF1004A Datasheet(PDF) 9 Page - Agere Systems

Part # TF1004A
Description  LG1600FXH Clock and Data Regenerator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TF1004A Datasheet(HTML) 9 Page - Agere Systems

Back Button TF1004A Datasheet HTML 5Page - Agere Systems TF1004A Datasheet HTML 6Page - Agere Systems TF1004A Datasheet HTML 7Page - Agere Systems TF1004A Datasheet HTML 8Page - Agere Systems TF1004A Datasheet HTML 9Page - Agere Systems TF1004A Datasheet HTML 10Page - Agere Systems TF1004A Datasheet HTML 11Page - Agere Systems TF1004A Datasheet HTML 12Page - Agere Systems TF1004A Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
August 1999
LG1600FXH Clock and Data Regenerator
9
Lucent Technologies Inc.
Electrical Characteristics
tCASE = 0 °C to 70 °C, VSS = –4.7 V to –5.7 V, VDD = 5 V, bit rate = fB Gbits/s ±0.05% NRZ and data pattern =
223 – 1 PRBS, 200 mV
≤ V±IN ≤ 800 mV, BER < 1e–9, unless otherwise indicated.
Note: Minimum and maximum values are testing requirements. Typical values are characteristics of the device and
are the result of engineering evaluations. Typical values are for information purposes only and are not part of
the testing requirements.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Data Input Voltage
V–IN
Single ended on either input
200
800
mVp-p
Data Input Voltage
V+IN – V–IN
Differential
200
1600
mVp-p
Data Output Voltage
V±OUT
ac coupled
625
750
900
mVp-p
Data Output Voltage
V±OUT
dc coupled
650
800
900
mVp-p
Clock Output Voltage
V±CLKO
dc coupled
650
750
900
mVp-p
Clock Output Voltage
V±CLKO
ac coupled; fB
≤ 3 Gbits/s
625
750
900
mVp-p
Clock Output Voltage
V±CLKO
ac coupled; fB > 3 Gbits/s
500
600
900
mVp-p
Output Pulse Width Rela-
tive to Bit Period T = 1/fB
PW%
tCASE = 40 °C
90
100
110
%
Clock Output Duty Cycle
DCCLKO
tCASE = 40 °C
40
60
%
Clock/Data Output Transi-
tion Time
tr, tf
20% to 80%
80
100
ps
Maximum Bit Error Rate
BERMAX
Jitter modulation @ fB
× 40 kHz,
tCASE = 40 °C
1e–3
——
LOS Output Voltage, Low
VLOSL
RL = 10 k
–1
–0.8
0.5
V
LOS Output Voltage, High
VLOSH
RL = 10 k
Ω, V–IN = 0 V
VDD
0.5
VDD
VDD
V
Loss of Signal Delay
τLOS
Measured from last data transi-
tion, tCASE = 40 °C
10
30
100
µs
Jitter Generation
JGEN
——
0.005
0.01
UI
Jitter Transfer Bandwidth
JBW
User adjustable with RX as sug-
gested by Figure 8, tCASE = 25 °C
—fB
—MHz
Output Reference Voltage
VREF
Load to ground
≥ 20 kΩ
–3.4
–3.15
–2.9
V
Jitter Tolerance
JTOL
fmod
≤ fB x 40 kHz, tCASE = 40 °C
fB x 40 kHz
≤ fmod ≤ fB × 400 kHz,
tCASE = 40 °C
fmod
≥ fB × 400 kHz,
tCASE = 40 °C
1.5
0.6 fB/
fmod
0.15
5
2 fB/fmod
0.5
UI
UI
UI
Acquisition/Recovery
Time
τACQ
Measured from first data
transition*, tCASE = 40 °C
* Parameter guaranteed by design or characterization and not production tested.
600
800
µs
Supply Current
ISS
–5.7 V
≤ VSS ≤ –4.7 V
290
320
mA


Similar Part No. - TF1004A

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF100-5 RHOMBUS-IND-TF100-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF100-5 RHOMBUS-IND-TF100-5 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF100-7 RHOMBUS-IND-TF100-7 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - TF1004A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
logo
Zarlink Semiconductor I...
MV1442 ZARLINK-MV1442 Datasheet
726Kb / 12P
   HDB3 Encoder/Decoder/Clock Regenerator
logo
Raltron Electronics Cor...
SY02-FEC RALTRON-SY02-FEC Datasheet
291Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
Raltron Electronics Cor...
SY02-MFTP RALTRON-SY02-MFTP Datasheet
289Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-MFTP
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
   PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
logo
Renesas Technology Corp
ISL54105 RENESAS-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com