Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG1600FXH2380 Datasheet(PDF) 10 Page - Agere Systems

Part # LG1600FXH2380
Description  LG1600FXH Clock and Data Regenerator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1600FXH2380 Datasheet(HTML) 10 Page - Agere Systems

Back Button LG1600FXH2380 Datasheet HTML 6Page - Agere Systems LG1600FXH2380 Datasheet HTML 7Page - Agere Systems LG1600FXH2380 Datasheet HTML 8Page - Agere Systems LG1600FXH2380 Datasheet HTML 9Page - Agere Systems LG1600FXH2380 Datasheet HTML 10Page - Agere Systems LG1600FXH2380 Datasheet HTML 11Page - Agere Systems LG1600FXH2380 Datasheet HTML 12Page - Agere Systems LG1600FXH2380 Datasheet HTML 13Page - Agere Systems LG1600FXH2380 Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
LG1600FXH Clock and Data Regenerator
August 1999
10
Lucent Technologies Inc.
Test Circuit
12-3234(F)r.6
Notes:
Resistor RX determines the PLL bandwidth and is required for normal operation. The LG1600FXH differs in this respect from the LG1600AXD
CDR, which has an internal resistor that sets a minimum bandwidth. The recommended value is 140
Ω for optimal jitter transfer performance.
Capacitor CX is optional and can be used to increase the damping of the PLL in critical applications.
The outputs may be either ac coupled, as indicated, or dc terminated into 50
Ω. In the first case, good output return loss can be obtained. The
latter configuration provides a 0 mV to –800 mV output swing for easy interface to dc-coupled circuits.
Figure 10. LG1600FXH Typical Test Circuit
500 k
+
VCO
Q
D
V+CLKO
V–CLKO
31
26
D
FREQ. &
PHASE
DETECT.
90°
LOOP CONTROL &
SIGNAL DETECT
11
14
9
7
VREF
CEXT
REXT
LOS
V–TH
51
V–FB
48
55
60
65
V–IN
V+IN
V+FB
0.047
µF
0.047
µF
0.047
µF
0.047
µF
1 k
50
25 k
50
25 k
1 k
43
38
V+OUT
V–OUT
35
0.047
µF
50
50
DATA
GENERATOR
OPTIONAL
THRESHOLD
CONTROL
ALTERNATIVE
50
50
OPTIONAL
Ca > 0.1
µF/fB
VSS
5.2 V
+
OPTIONAL
Cb > 100 pF/fB
50
50
CX
OPTIONAL
(SEE TEXT)
RX = 140
REQUIRED
0.047
µF
10 k
VDD
5 V
+
VLOS
VSS


Similar Part No. - LG1600FXH2380

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH0622 AGERE-LG1600KXH0622 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1244 AGERE-LG1600KXH1244 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1250 AGERE-LG1600KXH1250 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
LG1600KXH1298 AGERE-LG1600KXH1298 Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
More results

Similar Description - LG1600FXH2380

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
logo
Zarlink Semiconductor I...
MV1442 ZARLINK-MV1442 Datasheet
726Kb / 12P
   HDB3 Encoder/Decoder/Clock Regenerator
logo
Raltron Electronics Cor...
SY02-FEC RALTRON-SY02-FEC Datasheet
291Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
Raltron Electronics Cor...
SY02-MFTP RALTRON-SY02-MFTP Datasheet
289Kb / 5P
   HIGH FREQUENCY CLOCK REGENERATOR - SY02-MFTP
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
   PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
logo
Renesas Technology Corp
ISL54105 RENESAS-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com