Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STWRI140E Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STWRI140E
Description  Top View LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STWRI140E Datasheet(HTML) 4 Page - Seoul Semiconductor

  STWRI140E Datasheet HTML 1Page - Seoul Semiconductor STWRI140E Datasheet HTML 2Page - Seoul Semiconductor STWRI140E Datasheet HTML 3Page - Seoul Semiconductor STWRI140E Datasheet HTML 4Page - Seoul Semiconductor STWRI140E Datasheet HTML 5Page - Seoul Semiconductor STWRI140E Datasheet HTML 6Page - Seoul Semiconductor STWRI140E Datasheet HTML 7Page - Seoul Semiconductor STWRI140E Datasheet HTML 8Page - Seoul Semiconductor STWRI140E Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
PRELIMINARY
Rev. 00
Rev. 00
September, 2012
September, 2012
www.acrich.com
www.acrich.com
Document No. : QP-7-07-18 (Rev.00) 공통_을
2. Absolute Maximum Ratings*1
3. Electro-optical Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage*1
V
F
I
F =120mA
2.8
3.3
3.6
V
Luminous Intensity*2
I
V
I
F =120mA
-
11
-
cd
Luminous Flux
Φ
I
F =120mA
-
33.5
-
lm
CIE x
-
I
F =120mA
-
0.260
-
-
CIE y
-
I
F =120mA
-
0.240
-
-
[Note] All measurements were made under the standardized environment of SSC.
*1 Forward voltage measurement allowance is ±0.1V
*2 The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with
the mechanical axis of the LED package. Luminous intensity measurement allowance is ±7%
(
Ta=25 OC )
(
Ta=25 OC )
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 1/10 Duty Cycle @ 1kHz
Parameter
Symbol
Value
Unit
Power Dissipation
P
d
684
mW
DC Forward Current
I
F
180
mA
Peak Forward Current
I
FM
*2
500
mA
Operating Temperature
T
opr
-30 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
ESD Sensitivity
-
5kV
HBM


Similar Part No. - STWRI140E

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STWRX2S1E SEOUL-STWRX2S1E Datasheet
3Mb / 15P
   Top View LED
More results

Similar Description - STWRI140E

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-21UYC-S530-XX-TR8 EVERLIGHT-45-21UYC-S530-XX-TR8 Datasheet
150Kb / 10P
   Top View LED
logo
Seoul Semiconductor
SWT821-S SEOUL-SWT821-S Datasheet
615Kb / 16P
   Top View LED
SBHRN120E SEOUL-SBHRN120E Datasheet
1Mb / 21P
   Top View LED
SBWNN120E SEOUL-SBWNN120E Datasheet
1Mb / 21P
   Top View LED
STW8C2SA SEOUL-STW8C2SA Datasheet
2Mb / 27P
   Top View Led
SFT821N-BS SEOUL-SFT821N-BS Datasheet
551Kb / 14P
   Top View LED
SFT825N-S SEOUL-SFT825N-S Datasheet
591Kb / 13P
   Top View LED
SBWRN2S0E SEOUL-SBWRN2S0E Datasheet
973Kb / 22P
   Top view LED
logo
Everlight Electronics C...
EAHP2016YA0-AM EVERLIGHT-EAHP2016YA0-AM Datasheet
538Kb / 17P
   Top view LED
logo
Seoul Semiconductor
KWT733 SEOUL-KWT733_1 Datasheet
549Kb / 11P
   Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com