Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG1626DXC Datasheet(PDF) 2 Page - Agere Systems

Part # LG1626DXC
Description  LG1626DXC Modulator Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LG1626DXC Datasheet(HTML) 2 Page - Agere Systems

  LG1626DXC Datasheet HTML 1Page - Agere Systems LG1626DXC Datasheet HTML 2Page - Agere Systems LG1626DXC Datasheet HTML 3Page - Agere Systems LG1626DXC Datasheet HTML 4Page - Agere Systems LG1626DXC Datasheet HTML 5Page - Agere Systems LG1626DXC Datasheet HTML 6Page - Agere Systems LG1626DXC Datasheet HTML 7Page - Agere Systems LG1626DXC Datasheet HTML 8Page - Agere Systems LG1626DXC Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Lucent Technologies Inc.
Data Sheet
February 1999
LG1626DXC Modulator Driver
Pin Information
5-6550(F)
Figure 2. LG1626DXC Die Block Diagram
VTH
VIN
VOUT
VSS3
VMOD
VSS1
50
GND
MK
MK
VSS2
VDC-ADJ
50
+
+
VIN
VTH
50
MOD_E


Similar Part No. - LG1626DXC

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LG1625AXF AGERE-LG1625AXF Datasheet
363Kb / 12P
   LG1625AXF Laser Driver
LG1627BXC AGERE-LG1627BXC Datasheet
921Kb / 10P
   LG1627BXC Clocked Laser Driver
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
More results

Similar Description - LG1626DXC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3942 MAXIM-MAX3942 Datasheet
227Kb / 10P
   10Gbps Modulator Driver
Rev 1; 6/07
logo
M/A-COM Technology Solu...
MAOM-010567 MA-COM-MAOM-010567_15 Datasheet
1Mb / 9P
   Optical Modulator Driver
MAOM-010567-V1 MA-COM-MAOM-010567-V1 Datasheet
1Mb / 9P
   Optical Modulator Driver
logo
Integrated Device Techn...
GX62474 IDT-GX62474 Datasheet
171Kb / 2P
   Linear MZ Modulator Driver
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
[Old version datasheet]   GSM RF MODULATOR/DRIVER AMPLIFIER
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
logo
Filtronic Compound Semi...
MAX002 FILTRONIC-MAX002 Datasheet
41Kb / 2P
   Optical Communications - Modulator Driver Amplifier
logo
OKI electronic componet...
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
   11.1 Gbps Modulator Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com