Electronic Components Datasheet Search |
|
LG1600FXHXXXX Datasheet(PDF) 8 Page - Agere Systems |
|
LG1600FXHXXXX Datasheet(HTML) 8 Page - Agere Systems |
8 / 20 page Data Sheet LG1600FXH Clock and Data Regenerator August 1999 8 Lucent Technologies Inc. Absolute Maximum Ratings Stresses in excess of the absolute maximum ratings can cause permanent or latent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. Table 2. Absolute Maximum Ratings Recommended Operating Conditions Table 3. Recommended Operating Conditions Handling Precautions Although protection circuitry has been designed into this device, proper precautions should be taken to avoid expo- sure to electrostatic discharge (ESD) during handling and mounting. Lucent Technologies Microelectronics Group employs a human-body model (HBM) for ESD-susceptibility testing and protection design evaluation. The HBM (resistance = 1500 Ω, capacitance = 100 pF) is used. The HBM ESD threshold presented in Table 4 was obtained by using these circuit parameters. Table 4. ESD Threshold Mounting and Connections Certain precautions must be taken when using solder. For installation using a constant temperature solder, temper- atures of under 300 °C may be employed for periods of time up to 5 seconds, maximum. For installation with a sol- dering iron (battery operated or nonswitching only), the soldering tip temperature should not be greater than 300 °C and the soldering time for each lead must not exceed 5 seconds. Parameter Min Max Unit Supply Voltage Range (VSS)–7 0.5 V Loss of Signal Bias Voltage (VDD)— 7 V Power Dissipation — 2 W Voltage (all pins) VSS 0.5 V Transient Voltage to ac Couple Pins (V±IN, REXT)— ±3 V Storage Temperature Range –40 125 °C Operating Temperature Range –40 100 °C Parameter Symbol Min Max Unit Case Temperature tCASE 070 °C Power Supply VSS –4.7 –5.7 V HBM ESD Threshold Device Voltage LG1600FXH ≥200 V |
Similar Part No. - LG1600FXHXXXX |
|
Similar Description - LG1600FXHXXXX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |