Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2505H21 Datasheet(PDF) 9 Page - Agere Systems

Part # E2505H21
Description  E2500-Type 2.5 Gbits/s Electroabsorption Moudlated Isolated Laser Module (EM-ILM) for Ultralong-Reach Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

E2505H21 Datasheet(HTML) 9 Page - Agere Systems

Back Button E2505H21 Datasheet HTML 2Page - Agere Systems E2505H21 Datasheet HTML 3Page - Agere Systems E2505H21 Datasheet HTML 4Page - Agere Systems E2505H21 Datasheet HTML 5Page - Agere Systems E2505H21 Datasheet HTML 6Page - Agere Systems E2505H21 Datasheet HTML 7Page - Agere Systems E2505H21 Datasheet HTML 8Page - Agere Systems E2505H21 Datasheet HTML 9Page - Agere Systems E2505H21 Datasheet HTML 10Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet, Rev. 1
September 2001
Isolated Laser Module (EM-ILM)
E2500-Type 2.5 Gbits/s Electroabsorption Modulated
Agere Systems Inc.
9
Related Product Information
Table 4. Related Product Information
Description
Part Number
Document Number
1.5 mm EDFA
1724-Type
DS98-412LWP
2.5 Gbits/s Receiver
1319-Type
DS97-106LWP
1.5 mm Digital DFB Laser
D2500-Type
DS97-114LWP
1.3 mm Digital DFB Laser
D2300-Type
DS97-122LWP
2.5 Gbits/s Receiver with Clock Recovery
1320-Type
DS97-113LWP


Similar Part No. - E2505H21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E250 ETC2-E250 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
General Cable Technolog...
E2502S GENERAL-E2502S Datasheet
73Kb / 1P
   2C 18 SOLID BC SRPVC OAS PVC Fire Alarm/Life Safety Cable
E2503S GENERAL-E2503S Datasheet
73Kb / 1P
   3C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2504S GENERAL-E2504S Datasheet
74Kb / 1P
   4C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2506S GENERAL-E2506S Datasheet
74Kb / 1P
   6C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
More results

Similar Description - E2505H21

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
logo
NEC
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
Ericsson
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com