Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1682 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1682
Description  Total-Elapsed-Time Recorder with Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1682 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1682_13 Datasheet HTML 6Page - Dallas Semiconductor DS1682_13 Datasheet HTML 7Page - Dallas Semiconductor DS1682_13 Datasheet HTML 8Page - Dallas Semiconductor DS1682_13 Datasheet HTML 9Page - Dallas Semiconductor DS1682_13 Datasheet HTML 10Page - Dallas Semiconductor DS1682_13 Datasheet HTML 11Page - Dallas Semiconductor DS1682_13 Datasheet HTML 12Page - Dallas Semiconductor DS1682_13 Datasheet HTML 13Page - Dallas Semiconductor DS1682_13 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS1682 Total-Elapsed-Time Recorder with Alarm
11 of 14
The DS1682 can operate in the following two modes:
Slave Receiver Mode (Write Mode): Serial data and clock are received through SDA and SCL. After
each byte is received, the receiver transmits an acknowledge bit. START and STOP conditions are
recognized as the beginning and end of a serial transfer. The slave address byte is the first byte received
after the master generates a START condition. The address byte contains the 7-bit DS1682 address,
which is 1101011, followed by the direction bit (R/
W). The second byte from the master is the register
address. This sets the register pointer. The master then transmits each byte of data, with the DS1682
acknowledging each byte received. The register pointer increments after each byte is written. The master
generates a STOP condition to terminate the data write (Figure 7).
Slave Transmitter Mode (Read Mode): The first byte is received and handled as in the slave receiver
mode. However, in this mode, the direction bit indicates that the transfer direction is reversed. Serial data
is transmitted on SDA by the DS1682 while the serial clock is input on SCL. The slave address byte is the
first byte received after the master generates a START condition. The address byte contains the 7-bit
DS1682 address, followed by the direction bit (R/
W). After receiving a valid slave address byte and
direction bit, the DS1682 generates an acknowledge on the SDA line. The DS1682 begins to transmit
data on each SCL pulse starting with the register address pointed to by the register pointer. As the master
reads each byte, it must generate an acknowledge. The register pointer increments after each byte is read.
The DS1682 must receive a “not acknowledge” on the last byte to end a read (Figure 8).
Figure 7. Data Write—Slave Receiver Mode
Figure 8. Data Read—Slave Transmitter Mode
R/
W
R/
W –READ/WRITE OR DIRECTION BIT
S 1101011 0 A XXXXXXXX A XXXXXXXX A XXXXXXXX A XXXXXXXX P
DATA TRANSFERRED
(X + 1 BYTES + ACKNOWLEDGE)
SLAVE
ADDRESS
REGISTER
ADDRESS
S–START
A –ACKNOWLEDGE
P– STOP
DATA (n)
DATA (n + 1)
DATA (n + x)
S 1101011 1 A XXXXXXXX A XXXXXXXX A XXXXXXXX A XXXXXXXX /A
DATA TRANSFERRED
(X + 1 BYTES + ACKNOWLEDGE)
SLAVE
ADDRESS
S—START
A—- ACKNOWLEDGE
P—- STOP
/A — NOT ACKNOWLEDGE
R/
W — READ/WRITE OR DIRECTION BIT
DATA (n)
DATA (n + 1)
DATA (n + x)
DATA (n + 2)
R/
W


Similar Part No. - DS1682_13

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1682S DALLAS-DS1682S Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682S++ MAXIM-DS1682S+ Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1682S+T&R MAXIM-DS1682S+T&R Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
logo
Dallas Semiconductor
DS1682X DALLAS-DS1682X Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results

Similar Description - DS1682_13

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
   Elapsed Time Counter Module
093002
logo
Dallas Semiconductor
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
   Parallel-Interface Elapsed Time Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com