Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB104 Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # NB104
Description  Small size suitable for compact appliances
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

NB104 Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button NB104_12 Datasheet HTML 5Page - Seoul Semiconductor NB104_12 Datasheet HTML 6Page - Seoul Semiconductor NB104_12 Datasheet HTML 7Page - Seoul Semiconductor NB104_12 Datasheet HTML 8Page - Seoul Semiconductor NB104_12 Datasheet HTML 9Page - Seoul Semiconductor NB104_12 Datasheet HTML 10Page - Seoul Semiconductor NB104_12 Datasheet HTML 11Page - Seoul Semiconductor NB104_12 Datasheet HTML 12Page - Seoul Semiconductor NB104_12 Datasheet HTML 13Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 03
Rev. 03
July 2012
July 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
4.0
4.0
1.5
0.5
0.95
2.0
0.2
180
13
± 0.2
Label
22
2 ± 0.2
+0
- 3
11.4
9 ± 0.3
± 0.1
± 0.05
± 0.1
± 0.05
± 0.05
± 0.05
+0.1
- 0
0.5
± 0.08
(1) Quantity : 4000pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ± 0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the
cover tape is turned off from the carrier tape at 10
℃ angle to be the carrier tape
(4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a
damp proof Package
9. Reel Structure


Similar Part No. - NB104_12

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
More results

Similar Description - NB104_12

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YGFR411-H SEOUL-YGFR411-H Datasheet
308Kb / 13P
   Small size suitable for compact appliances
UR202 SEOUL-UR202 Datasheet
276Kb / 13P
   Small size suitable for compact appliances
WH104-LC SEOUL-WH104-LC Datasheet
1Mb / 13P
   Small size suitable for compact appliances.
TWH104-HL SEOUL-TWH104-HL Datasheet
317Kb / 13P
   Small size suitable for compact appliances
TWH104-HS SEOUL-TWH104-HS Datasheet
317Kb / 13P
   Small size suitable for compact appliances
THBTGFR421 SEOUL-THBTGFR421 Datasheet
390Kb / 13P
   Small size suitable for compact appliances
YG101 SEOUL-YG101 Datasheet
284Kb / 13P
   Small size suitable for compact appliances.
YG101-IC1 SEOUL-YG101-IC1 Datasheet
1Mb / 14P
   Small size suitable for compact appliances
UY101-IE1 SEOUL-UY101-IE1 Datasheet
284Kb / 13P
   Small size suitable for compact appliances
WH104-NZ SEOUL-WH104-NZ Datasheet
1Mb / 13P
   Small size suitable for compact appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com