Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDP-1 Datasheet(PDF) 1 Page - Major League Electronics

Part # IDP-1
Description  .100" cl Insulation Displacement Plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

IDP-1 Datasheet(HTML) 1 Page - Major League Electronics

  IDP-1 Datasheet HTML 1Page - Major League Electronics IDP-1 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.100" cl Insulation Displacement Plug
IDP-1 SERIES
19 APR 07
Major League Electronics .100" cl Insulation Displacement Plug
Pins Per
Row
Dimension
AB
3
.461 [11.72]
.200 [5.08]
4
.561 [14.26]
.300 [7.62]
5
.661 [16.80]
.400 [10.16]
6
.761 [19.34]
.500 [12.70]
7
.861 [21.88]
.600 [15.24]
8
.961 [24.42]
.700 [17.78]
10
1.161 [29.50] .900 [22.86 ]
12
1.361 [34.58] 1.100 [27.94]
13
1.461 [37.12] 1.200 [30.48]
15
1.661 [42.20] 1.400 [35.56]
16
1.761 [44.74] 1.500 [38.10]
17
1.861 [47.28] 1.600 [40.64]
20
2.161 [54.90] 1.900 [48.26]
25
2.661 [67.60] 2.400 [60.96]
30
3.161 [80.30] 2.900 [73.66]
32
3.361 [85.38] 3.100 [78.74]
A
B
Pins Per Row
IDP-1
Ordering Information
LF
-
-
-
Lead Free
-
XX D
02
T - XXX
Double
Style
02 = Black
Polarized Position
006 - 064
Leave blank if not needed
Plating Options
- Matte Tin all Over
T
Standard plating = T
only available in:
03, 04, 05, 06, 07, 08, 10, 12,
13, 15, 16, 17, 20, 25, 30, 32
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Insulator
Contact
Insulation Resistance
Contact Resistance
PBT, glass reinforced, rated UL 94V-0
Phosphor Bronze
3000 MΩ min.
30 mΩ max.
Current Rating
Dielectric Withstanding
Operating Temperature
Terminated with
1 Amp
500V AC for one minute
-40°C to +105°C
.050" [1.27mm] pitch flat ribbon cable
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice


Similar Part No. - IDP-1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IDP-10 HP-IDP-10 Datasheet
484Kb / 2P
   Dry Scroll Vacuum Pump
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com