Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL9214GAU-DT Datasheet(PDF) 4 Page - Agere Systems

Part # LUCL9214GAU-DT
Description  Low-Cost Ringing SLIC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9214GAU-DT Datasheet(HTML) 4 Page - Agere Systems

  LUCL9214GAU-DT Datasheet HTML 1Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 2Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 3Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 4Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 5Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 6Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 7Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 8Page - Agere Systems LUCL9214GAU-DT Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Preliminary Data Sheet
October 2001
Low-Cost Ringing SLIC
L9214A/G
4
Agere Systems Inc.
Features
s
Onboard balanced trapezoidal ringing generation,
40 Vrms, 1.2 crest factor:
— 3 REN ring load (2330
Ω + 24 µF), 600 Ω loop
— 2 REN ring load (3500
Ω + 16 µF), 1000 Ω loop
— 2 REN ring load (3500
Ω + 1.8 µF), 500 Ω loop
— No ring relay
— No bulk ring generator required
— 15 Hz to 70 Hz ring frequency supported
s
Power supplies requirements:
— VCC talk battery and ringing battery required
— No –5 V supply required
— No high-voltage positive supply required
s
Flexible Vcc options:
— 3.3 V or 5 V VCC operation
— 3.3 V or 5 V VCC interchangeable and transparent
to users
s
Power control options:
— Automatic battery switch
— Power control resistor
s
Minimal external components required
s
Ten operating states:
— Forward active, fast polarity reversal
— Reverse active, fast polarity reversal
— Forward active, slow polarity reversal
— Reverse active, slow polarity reversal
— Scan
— Disconnect
— Ringing, line forward with high slope
— Ringing, line reverse with high slope
— Ringing, line forward with low slope
— Ringing, line reverse with low slope
s
Unlatched parallel data control interface
s
Low SLIC power:
— Scan 24 mW (VCC = 5.0 V)
— Forward/reverse active 148 mW (VCC = 5.0 V)
— Scan 17 mW (VCC = 3.3 V)
— Forward/reverse on-hook 135 mW (VCC = 3.3 V)
s
Supervision:
— Loop start, fixed threshold with hysteresis
— Ring trip filtering, fixed threshold not a function of
battery voltage, user adjustable with an external
resistor
— Common-mode current for ground key applica-
tions, user-adjustable threshold
s
Adjustable current limit:
— 10 mA to 45 mA programming range at 5 V Vcc
— 10 mA to 35 mA programming range at 3.3 V Vcc
s
Overhead voltage:
— Automatically adjusted in active mode
— Clamped <56.5 V in scan and on-hook modes
s
Thermal shutdown protection with hysteresis
s
Longitudinal balance:
— ETSI/ITU-T balance
— GR-909
s
Meter pulse compatible
s
ac interface:
— Two SLIC gain options to minimize external com-
ponents required for interface to first- or third-gen-
eration codecs
— Sufficient dynamic range for direct coupling to
codec output
s
28-pin SOG, 32-pin PLCC, and 48-pin MLCC pack-
age options
s
90 V CBIC-S technology
Description
The L9214 is designed to provide battery feed, ringing,
and supervision functions on short and medium plain
old telephone service (POTS) loops. Supported round-
trip loop length is up to 1000
Ω of wiring resistance plus
handset or ringing load. This device is designed to min-
imize power in all operating states.
The L9214 offers eight operating states. The device
assumes use of a lower-voltage talk battery, a higher-
voltage ringing battery and a single VCC supply.
The L9214 requires only a positive VCC supply. No
–5 V supply is needed. The L9214 can operate with a
VCC of either 5.0 V or 3.3 V, allowing for greater user
flexibility. The choice of VCC voltage is transparent to
the user; the device will function with either supply volt-
age connected.
Two batteries may be used:
1. A high-voltage ring battery (VBAT1). VBAT1 is a maxi-
mum –70 V and is used for power ringing, scan, and
on-hook transmission modes. This supply is current
limited to the maximum power ringing current of
approximately 90 mApeak.
2. A lower-voltage talk battery (VBAT2). VBAT2 is nor-
mally used for active mode powering.
Alternatively, operation may be from a single high-volt-
age battery supply with a power control resistor to
reduce the power dissipation in the SLIC.


Similar Part No. - LUCL9214GAU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9215AAU-D AGERE-LUCL9215AAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215AAU-DT AGERE-LUCL9215AAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215ARG-D AGERE-LUCL9215ARG-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-D AGERE-LUCL9215GAU-D Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
LUCL9215GAU-DT AGERE-LUCL9215GAU-DT Datasheet
1Mb / 50P
   Short-Loop Sine Wave Ringing SLIC
More results

Similar Description - LUCL9214GAU-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com