Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB102 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # FB102
Description  1.6*0.8*0.6 mm Untinted, Diffused flat mold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FB102 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button FB102 Datasheet HTML 3Page - Seoul Semiconductor FB102 Datasheet HTML 4Page - Seoul Semiconductor FB102 Datasheet HTML 5Page - Seoul Semiconductor FB102 Datasheet HTML 6Page - Seoul Semiconductor FB102 Datasheet HTML 7Page - Seoul Semiconductor FB102 Datasheet HTML 8Page - Seoul Semiconductor FB102 Datasheet HTML 9Page - Seoul Semiconductor FB102 Datasheet HTML 10Page - Seoul Semiconductor FB102 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
5. Reliability Test
0/22
1 time
85
℃, 85% 24hrs
Reflow 3 times
(Max 260
℃ 10sec)
Thermal shock
30 cycle
Thermal resistance
Test
0/22
500 hrs
20mA, @60
℃,90%
Operating at High
temperature
/ High humidity
0/22
500 hrs
20mA, @85
Operating at High
temperature
0/22
100 cycle
-40~85
℃ Shift (2hr/cycle)
Thermal shock test
0/22
500 hrs
20mA, @25
Operating at Room
temperature
Number Of
Damaged
Duration
/ Cycle
Test Conditions
Item
*Criterion
Initial value ± 0.1V
V
F
> Initial value * 0.5
Iv
OK
MSL : 2a (30
℃, 60% : 4 weeks)


Similar Part No. - FB102

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FB10 JAE-FB10 Datasheet
180Kb / 6P
   0.3mm Pitch, 0.9mm Height FPC Connector
logo
Stackpole Electronics, ...
FB10 SEI-FB10 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
List of Unclassifed Man...
FB1000 ETC1-FB1000 Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
FB1000L ETC1-FB1000L Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
FB1001 ETC1-FB1001 Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
More results

Similar Description - FB102

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
GR101 SEOUL-GR101 Datasheet
285Kb / 13P
   1.6*0.8*0.8 mm Untinted, Diffused flat mold Dominant Wavelength: 570nm
FR104-II1 SEOUL-FR104-II1 Datasheet
277Kb / 13P
   1.6*0.8*0.4mm Untinted, Diffused flat mold Dominant Wavelength: 625nm
HBTGFR421-W SEOUL-HBTGFR421-W Datasheet
1Mb / 14P
   1.6*1.5*0.5 mm Untited, Diffused flat mold
logo
OSRAM GmbH
LH-Q974 OSRAM-LH-Q974 Datasheet
204Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.6 mm
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
logo
EHAOAN.
EH-C191KFKT EHAOAN-EH-C191KFKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191KGKT EHAOAN-EH-C191KGKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191KSKT EHAOAN-EH-C191KSKT Datasheet
1Mb / 7P
   ·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
logo
OSRAM GmbH
LO-Q976 OSRAM-LO-Q976 Datasheet
528Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
   SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com