Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2505H29 Datasheet(PDF) 3 Page - Agere Systems

Part # E2505H29
Description  E2500-Type 2.5 Gbits/s Electroabsorption Moudlated Isolated Laser Module (EM-ILM) for Ultralong-Reach Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

E2505H29 Datasheet(HTML) 3 Page - Agere Systems

  E2505H29 Datasheet HTML 1Page - Agere Systems E2505H29 Datasheet HTML 2Page - Agere Systems E2505H29 Datasheet HTML 3Page - Agere Systems E2505H29 Datasheet HTML 4Page - Agere Systems E2505H29 Datasheet HTML 5Page - Agere Systems E2505H29 Datasheet HTML 6Page - Agere Systems E2505H29 Datasheet HTML 7Page - Agere Systems E2505H29 Datasheet HTML 8Page - Agere Systems E2505H29 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet, Rev. 1
September 2001
Isolated Laser Module (EM-ILM)
E2500-Type 2.5 Gbits/s Electroabsorption Modulated
Agere Systems Inc.
3
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations section of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Characteristics
Parameter
Conditions
Limit
Unit
Laser Diode Reverse Voltage
CW
2
V
Laser Diode Forward Current
CW
150
mA
Optical Output Power
CW
10
mW
Modulator Reverse Voltage
5
V
Modulator Forward Voltage
1
V
Monitor Diode Reverse Voltage
10
V
Monitor Diode Forward Current
1
mA
Storage Temperature Range
40 to +85
°C
Operating Temperature Range
0 to 70
°C
Table 2. Optical and Electrical Specifications
Parameter
Symbol
Conditions
Min Max
Unit
Laser: Laser TOP (temperature of laser submount) = 15
°C to 35 °C, except where noted.
Threshold Current (BOL)
ITH
TLASER CHIP = TOP
535
mA
Forward Voltage
VF
If = IOP @ TOP
—2.0
V
Operating Current
IOP
TLASER CHIP = TOP
50
100
mA
Threshold Power
PTH
TLASER CHIP = TOP
If = ITH, VM = 0 V
—80
µW
Fiber Output Power (peak)
PPK
TLASER CHIP = TOP
VM = 0 V, If = IOP
1—
dBm
Peak Wavelength (wavelength can be
specified to the ITU-T wavelength chan-
nels)
λ0
VM = 0 V
TLASER CHIP = TOP,
If = IOP
1530 1563
nm
Side-mode Suppression Ratio
SMSR
VM = 0 V, If = IOP,TOP
30
dB
Time Resolved Spectroscopy (chirp),
E2505 Series
TRSP-P
2.5 Gbits/s
VLOW = –1.5 V to –3.0 V
VHIGH = 0 V
If = IOP @ TOP
—0.25
Å
Time Resolved Spectroscopy (chirp),
E2502 Series
TRSP-P
2.5 Gbits/s
VLOW = –1.5 V to –3.0 V,
VHIGH = –0.3 V
If = IOP @ TOP
—0.15
Å
Dispersion Penalty
DP
2.5 Gbits/s
360 km (E2505)
600 km (E2502)
VLOW = –1.5 V to –3.0 V
VHIGH = 0 V (E2505), –0.3 V (E2502)
IF = IOP @ TOP
—2.0
dB


Similar Part No. - E2505H29

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E250 ETC2-E250 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
General Cable Technolog...
E2502S GENERAL-E2502S Datasheet
73Kb / 1P
   2C 18 SOLID BC SRPVC OAS PVC Fire Alarm/Life Safety Cable
E2503S GENERAL-E2503S Datasheet
73Kb / 1P
   3C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2504S GENERAL-E2504S Datasheet
74Kb / 1P
   4C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2506S GENERAL-E2506S Datasheet
74Kb / 1P
   6C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
More results

Similar Description - E2505H29

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
logo
NEC
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
Ericsson
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com