Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL9218AAR-D Datasheet(PDF) 1 Page - Agere Systems

Part # LUCL9218AAR-D
Description  Low-Cost Line Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9218AAR-D Datasheet(HTML) 1 Page - Agere Systems

  LUCL9218AAR-D Datasheet HTML 1Page - Agere Systems LUCL9218AAR-D Datasheet HTML 2Page - Agere Systems LUCL9218AAR-D Datasheet HTML 3Page - Agere Systems LUCL9218AAR-D Datasheet HTML 4Page - Agere Systems LUCL9218AAR-D Datasheet HTML 5Page - Agere Systems LUCL9218AAR-D Datasheet HTML 6Page - Agere Systems LUCL9218AAR-D Datasheet HTML 7Page - Agere Systems LUCL9218AAR-D Datasheet HTML 8Page - Agere Systems LUCL9218AAR-D Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Data Sheet
November 2001
L9218A/G Low-Cost Line Interface
Features
s
Basic forward battery only SLIC functionality at a
low cost
s
Pin compatible with Agere Systems Inc. L9219 and
L9217 SLIC
s
Low active power (typical 138 mW during on-hook
transmission)
s
Low-power scan mode for low-power, on-hook
power dissipation (59 mW typical)
s
Minimal external components
s
Distortion-free, on-hook transmission
s
Convenient operating states:
— Forward battery low current limit
— Forward battery high current limit
— Low-power scan
— Disconnect (high impedance)
s
Adjustable supervision functions:
— Off-hook detector with hysteresis
— Ring trip detector
s
Logic controlled high and low current limit
s
Two gain options to optimize the codec interface
s
Thermal protection with thermal shutdown indica-
tion
Description
This general-purpose electronic subscriber loop
interface circuit (SLIC) is optimized for low cost, while
still providing a satisfactory set of features.
The L9218 is pin-for-pin compatible with the Agere
L9219 and L9217 SLICs.
The L9218 requires a 5 V power supply and single
battery to operate. This is a forward battery only
device. Additionally, a low-power scan mode,
wherein all circuitry except the off-hook supervision is
shut down to conserve power, is available.
Via the logic inputs, a low or high current limit may be
selected. The low value is set via a single external
resistor, and the high value is 1.4 times the low value.
Device overhead is fixed and is adequate for
3.14 dBm into 900
Ω of on-hook transmission.
Both the loop supervision and ring trip supervision
functions are offered with user-controlled thresholds
via external resistors.
The L9218 is offered with a receive gain that is opti-
mized for interface to a first-generation type codec
(L9218A). It is also offered with a gain option that is
optimized for interface to a third- or fourth-generation
type codec (L9218G). In both cases, minimizing
external components required at this interface. In the
receive direction, the device may be dc-coupled to a
third-generation codec. No dc blocking capacitors
are needed.
Data control is via a parallel data control scheme.
The device is available in a 28-pin PLCC package. It
is built by using a 90 V complementary bipolar
(CBIC) process.


Similar Part No. - LUCL9218AAR-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9214AA-DT AGERE-LUCL9214AA-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-D AGERE-LUCL9214AAJ-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-DT AGERE-LUCL9214AAJ-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAU-D AGERE-LUCL9214AAU-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214ARG-D AGERE-LUCL9214ARG-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
More results

Similar Description - LUCL9218AAR-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9217A AGERE-L9217A Datasheet
414Kb / 30P
   Low-Cost Line Interface with Reverse Battery and PPM
L8575 AGERE-L8575 Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
logo
List of Unclassifed Man...
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
logo
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
logo
Teridian Semiconductor ...
73S8024RN TERIDIAN-73S8024RN Datasheet
383Kb / 27P
   Low Cost Smart Card Interface
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
   Low Cost Smart Card Interface
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
logo
Agere Systems
L9219A AGERE-L9219A Datasheet
397Kb / 30P
   Low-Cost Line Interface with Reverse Battery and Dual Current Limit
logo
Cypress Semiconductor
CY7C960 CYPRESS-CY7C960 Datasheet
250Kb / 10P
   Low Cost VMEbus Interface Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com