Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-E128K32N-150F2Q Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT-E128K32N-150F2Q
Description  ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-E128K32N-150F2Q Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT-E128K32N-150F2Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-E128K32N-150F2Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-E128K32N-150F2Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-E128K32N-150F2Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-E128K32N-150F2Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-E128K32N-150F2Q Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-E128K32N-150F2Q Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-E128K32N-150F2Q Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-E128K32N-150F2Q Datasheet HTML 12Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
A
A
Aeroflex Circuit Technology
SCD1662 REV B 9/5/01 Plainview NY (516) 694-6700
10
Pin Numbers & Functions
66 Pins — PGA Type Package
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1I/O8
18
A12
35
I/O25
52
WE3
2I/O9
19
Vcc
36
I/O26
53
CE3
3I/O10
20
CE1
37
A6
54
GND
4A13
21
NC
38
A7
55
I/O19
5A14
22
I/O3
39
NC
56
I/O31
6A15
23
I/O15
40
A8
57
I/O30
7A16
24
I/O14
41
A9
58
I/O29
8
NC
25
I/O13
42
I/O16
59
I/O28
9I/O0
26
I/O12
43
I/O17
60
A0
10
I/O1
27
OE
44
I/O18
61
A1
11
I/O2
28
NC
45
VCC
62
A2
12
WE2
29
WE1
46
CE4
63
I/O23
13
CE2
30
I/O7
47
WE4
64
I/O22
14
GND
31
I/O6
48
I/O27
65
I/O21
15
I/O11
32
I/O5
49
A3
66
I/O20
16
A10
33
I/O4
50
A4
17
A11
34
I/O24
51
A5
Note: Pins 8, 21, 28 & 39 can be connected to ground by specifing Option "C".
1.085 SQ
1.000
.600
1.000
.100
.020
.016
.100
.180
TYP
1.030
1.040
.160
Pin 56
Pin 66
Pin 11
Pin 1
Bottom View (P7 & P3)
MAX
MAX
"P3" — 1.08" SQ PGA Type (without shoulder) Package
"P7" — 1.08" SQ PGA Type (with shoulder) Package
1.030
1.040
.020
.016
.100
.025
.185
MAX
Side View
(P7)
Side View
(P3)
.050
.180
TYP
.035
All dimensions in inches


Similar Part No. - ACT-E128K32N-150F2Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-E1M32B-080F14C AEROFLEX-ACT-E1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14I AEROFLEX-ACT-E1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14M AEROFLEX-ACT-E1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14Q AEROFLEX-ACT-E1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-E1M32B-080F14T AEROFLEX-ACT-E1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-E128K32N-150F2Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com