Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL9217AAR-DT Datasheet(PDF) 4 Page - Agere Systems

Part # LUCL9217AAR-DT
Description  Low-Cost Line Interface with Reverse Battery and PPM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL9217AAR-DT Datasheet(HTML) 4 Page - Agere Systems

  LUCL9217AAR-DT Datasheet HTML 1Page - Agere Systems LUCL9217AAR-DT Datasheet HTML 2Page - Agere Systems LUCL9217AAR-DT Datasheet HTML 3Page - Agere Systems LUCL9217AAR-DT Datasheet HTML 4Page - Agere Systems LUCL9217AAR-DT Datasheet HTML 5Page - Agere Systems LUCL9217AAR-DT Datasheet HTML 6Page - Agere Systems LUCL9217AAR-DT Datasheet HTML 7Page - Agere Systems LUCL9217AAR-DT Datasheet HTML 8Page - Agere Systems LUCL9217AAR-DT Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Agere Systems Inc.
Data Sheet
November 2001
with Reverse Battery and PPM
L9217A/G Low-Cost Line Interface
Pin Information
Figure 2. 28-Pin PLCC
Table 1. Pin Descriptions
PLCC
Symbol
Type
Description
1
IPROG
I
Current-Limit Program Input. A resistor to DCOUT sets the dc current limit of the
device.
2
FB2
Polarity Reversal Slowdown. Connect a capacitor to ground to control the rate of bat-
tery reversal.
3
FB1
Polarity Reversal Slowdown. Connect a capacitor to ground to control the rate of bat-
tery reversal.
4
VCC
5 V Power Supply.
5
RCVP
I
Receive ac Signal Input (Noninverting). This high-impedance input controls the ac
differential voltage on tip and ring.
6
RCVN
I
Receive ac Signal Input (Inverting). This high-impedance input controls the ac differ-
ential voltage on tip and ring.
VTX
TXI
VITR
NSTAT
PPMIN
RTSP
RCVN
DCOUT
VBAT
PR
5
6
7
8
9
10
11
42
1
28
27
3
12
14
15
16
17
18
13
25
24
23
22
21
20
19
28-PIN PLCC
LCTH
RCVP
CF2
RTSN
26
28-PIN PLCC
12-3558 (F).c


Similar Part No. - LUCL9217AAR-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL9214AA-DT AGERE-LUCL9214AA-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-D AGERE-LUCL9214AAJ-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAJ-DT AGERE-LUCL9214AAJ-DT Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214AAU-D AGERE-LUCL9214AAU-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
LUCL9214ARG-D AGERE-LUCL9214ARG-D Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
More results

Similar Description - LUCL9217AAR-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9219A AGERE-L9219A Datasheet
397Kb / 30P
   Low-Cost Line Interface with Reverse Battery and Dual Current Limit
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
AN1872 MAXIM-AN1872 Datasheet
223Kb / 2P
   Low-Battery Indicator Has Low Cost and High Efficiency
Feb 03, 2003
logo
Agere Systems
L8575 AGERE-L8575 Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
logo
List of Unclassifed Man...
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
logo
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com