Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUCL7590CAE-D Datasheet(PDF) 1 Page - Agere Systems

Part # LUCL7590CAE-D
Description  Telephone Ringing Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCL7590CAE-D Datasheet(HTML) 1 Page - Agere Systems

  LUCL7590CAE-D Datasheet HTML 1Page - Agere Systems LUCL7590CAE-D Datasheet HTML 2Page - Agere Systems LUCL7590CAE-D Datasheet HTML 3Page - Agere Systems LUCL7590CAE-D Datasheet HTML 4Page - Agere Systems LUCL7590CAE-D Datasheet HTML 5Page - Agere Systems LUCL7590CAE-D Datasheet HTML 6Page - Agere Systems LUCL7590CAE-D Datasheet HTML 7Page - Agere Systems LUCL7590CAE-D Datasheet HTML 8Page - Agere Systems LUCL7590CAE-D Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
June 1998
L7590C Telephone Ringing Driver
Features
s
Applies a battery-backed, single-ended, sinusoidal
ringing signal to the telephone loop
s
Ringing capability:
— 40 Vrms into 5 North American REN
— 30 mApeak into 4 German REN
s
Built-in current limiting
s
Low power dissipation in idle and ringing modes
s
Requires 5 V, a high-value negative dc supply, and
a digital input sequence
Description
The L7590C Telephone Ringing Driver produces a
low-frequency sinusoidal ringing signal for analog
telephone loops. This is accomplished by producing
an output pulse stream that is an amplified replica of
the digital input. The output is then filtered to produce
a sine wave. The peak-to-peak output level is deter-
mined by the magnitude of the negative high-voltage
dc applied to the device (up to –170 V).
The required input is a 100 kHz CMOS-compatible
pulse stream, pulse-width modulated (PWM) at the
desired ringing frequency. The output stage consists
of one upper and one lower drive transistor with an
internal control circuit.
The L7590C IC is optimized for low power dissipation
and is available in a 16-pin, surface-mount package.
12-3057a (f)
Figure 1. Block Diagram
CLOCK
CONTROL
LEVEL
SHIFT
AND
OUTPUT
TIMING
CURRENT
LIMIT
BIAS
CIRCUIT
OUT
GNDD
VDD
CLK
VREF
VNEG
GNDR
CB1
CB2
EN
30
L1
L2
VNEG


Similar Part No. - LUCL7590CAE-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCL7585FP-D AGERE-LUCL7585FP-D Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
LUCL7585FP-DT AGERE-LUCL7585FP-DT Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
LUCL7585GBE-D AGERE-LUCL7585GBE-D Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
LUCL7585GBE-DT AGERE-LUCL7585GBE-DT Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
More results

Similar Description - LUCL7590CAE-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3680 TI-DS3680 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD TELEPHONE RELAY DRIVER
DS3680 TI1-DS3680_16 Datasheet
262Kb / 10P
[Old version datasheet]   QUAD TELEPHONE RELAY DRIVER
logo
SCHOTT CORPORATION
39812 SCHOTT-39812 Datasheet
37Kb / 1P
   INTERNAL RINGING FILTER
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com