Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTL7582BAE Datasheet(PDF) 11 Page - Agere Systems

Part # ATTL7582BAE
Description  Tip Ring Access Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7582BAE Datasheet(HTML) 11 Page - Agere Systems

Back Button ATTL7582BAE Datasheet HTML 7Page - Agere Systems ATTL7582BAE Datasheet HTML 8Page - Agere Systems ATTL7582BAE Datasheet HTML 9Page - Agere Systems ATTL7582BAE Datasheet HTML 10Page - Agere Systems ATTL7582BAE Datasheet HTML 11Page - Agere Systems ATTL7582BAE Datasheet HTML 12Page - Agere Systems ATTL7582BAE Datasheet HTML 13Page - Agere Systems ATTL7582BAE Datasheet HTML 14Page - Agere Systems ATTL7582BAE Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Lucent Technologies Inc.
11
Data Sheet
November 1999
L7582 Tip Ring Access Switch
Protection (continued)
Integrated SLIC Protection (continued)
External Secondary Protector
With the above integrated protection features, only one
overvoltage secondary protection device on the loop
side of the L7582 is required. The purpose of this
device is to limit fault voltages seen by the L7582 so as
not to exceed the breakdown voltage or input-output
isolation rating of the device. To minimize stress on the
L7582, use of a foldback- or crowbar-type device is rec-
ommended. A detailed explanation and design equa-
tions on the choice of the external secondary
protection device are given in the
An Introduction to
L758X Series of Line Card Access Switches Applica-
tion Note. Basic design equations governing the choice
of external secondary protector are given below:
s
|VBATmax| + |Vbreakovermax| < |Vbreakdownmin(break)|
s
|Vringingpeakmax
| + |VBATmax| + |Vbreakovermax| <
|Vbreakdownmin(ring)|
s
|Vringingpeakmax| + |VBATmax| < |Vbreakovermin|
where:
VBATmax—Maximum magnitude of battery voltage.
Vbreakovermax—Maximum magnitude breakover volt-
age of external secondary protector.
Vbreakovermin—Minimum magnitude breakover voltage
of external secondary protector.
Vbreakdownmin(break)—Minimum magnitude breakdown
voltage of L7582 break switch.
Vbreakdownmin(ring)—Minimum magnitude breakdown
voltage of L7582 ring access switch.
Vringingpeakmax—Maximum magnitude peak voltage of
ringing signal.
Series current-limiting fused resistors or PTCs should
be chosen so as not to exceed the current rating of the
external secondary protector. Refer to the manufac-
turer’s data sheet for requirements.
Table 12. Electrical Specifications, Protection Circuitry
* Previous versions of this data sheet specified a Trigger Current of 50 mA minimum. Trigger Current is defined as the minimum current drawn
from tip and ring to turn on the SCR. The specification in this data sheet is Gate Trigger Current, which is defined as the maximum current
that can flow into the battery before the SCR turns on.
† Typical at 25 °C.
‡ Twice ± dynamic current limit of break switches.
§ In some instances, the typical ON-state voltage can range as low as –25 V.
Parameters Related to Diodes (in Diode Bridge)
Parameter
Test Condition
Measure
Min
Typ
Max
Unit
Voltage Drop @ Continuous Cur-
rent (50 Hz/60 Hz)
Apply ±dc current limit
of break switches
Forward
Voltage
——
3
V
Voltage Drop @ Surge
Current
Apply ±dynamic cur-
rent limit of break
switches
Forward
Voltage
—5
V
Parameters Related to Protection SCR
Surge Current
A
Gate Trigger Current*
——
25
50
mA
Gate Trigger CurrentTemperature
Coefficient
–0.5
%/°C
Hold Current
70
mA
Gate Trigger Voltage
Trigger current
VBAT – 4
VBAT – 2
V
Reverse Leakage Current
VBAT
——
1.0
µA
ON-State Voltage§
0.5 A, t = 0.5 µs
2.0 A, t = 0.5 µs
VON
–3
–5
V
V


Similar Part No. - ATTL7582BAE

ManufacturerPart #DatasheetDescription
logo
Agere Systems
ATTL7581AAE AGERE-ATTL7581AAE Datasheet
307Kb / 16P
   Ringing Access Switch
logo
List of Unclassifed Man...
ATTL7581AAE ETC1-ATTL7581AAE Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
logo
Agere Systems
ATTL7581AAE-TR AGERE-ATTL7581AAE-TR Datasheet
307Kb / 16P
   Ringing Access Switch
ATTL7581AC AGERE-ATTL7581AC Datasheet
307Kb / 16P
   Ringing Access Switch
logo
List of Unclassifed Man...
ATTL7581AC ETC1-ATTL7581AC Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7582BAE

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S43W474MV4E JOHANSON-251S43W474MV4E Datasheet
74Kb / 3P
   TIP & RING CHIP CAPACITORS
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
CUI INC
SJ2-35364B-SMT-TR CUI-SJ2-35364B-SMT-TR Datasheet
484Kb / 4P
   tip switch
SJ2-35464B-SMT-TR CUI-SJ2-35464B-SMT-TR Datasheet
414Kb / 4P
   tip switch
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com