Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTL7583AAJ-DT Datasheet(PDF) 5 Page - Agere Systems

Part # ATTL7583AAJ-DT
Description  Line Card Access Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7583AAJ-DT Datasheet(HTML) 5 Page - Agere Systems

  ATTL7583AAJ-DT Datasheet HTML 1Page - Agere Systems ATTL7583AAJ-DT Datasheet HTML 2Page - Agere Systems ATTL7583AAJ-DT Datasheet HTML 3Page - Agere Systems ATTL7583AAJ-DT Datasheet HTML 4Page - Agere Systems ATTL7583AAJ-DT Datasheet HTML 5Page - Agere Systems ATTL7583AAJ-DT Datasheet HTML 6Page - Agere Systems ATTL7583AAJ-DT Datasheet HTML 7Page - Agere Systems ATTL7583AAJ-DT Datasheet HTML 8Page - Agere Systems ATTL7583AAJ-DT Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Lucent Technologies Inc.
5
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Electrical Characteristics (continued)
Table 6. Break Switches, 3 and 4
* This parameter is not tested in production. Choice of secondary protector should ensure this rating is not exceeded.
† Applied voltage is 100 Vp-p square wave at 100 Hz.
Parameter
Test Condition
Measure
Min Typ Max Unit
OFF-state Leakage
Current:
+25 °C
+85 °C
–40 °C
Vswitch (differential) = –320 V to Gnd
Vswitch (differential) = –60 V to +260 V
Vswitch (differential) = –330 V to Gnd
Vswitch (differential) = –60 V to +270 V
Vswitch (differential) = –310 V to Gnd
Vswitch (differential) = –60 V to +250 V
Iswitch
Iswitch
Iswitch
1
1
1
µA
µA
µA
ON-resistance:
+25 °C
+85 °C
–40 °C
TLINE = ±10 mA, ±40 mA, TBAT = –2 V
TLINE = ±10 mA, ±40 mA, TBAT = –2 V
TLINE = ±10 mA, ±40 mA, TBAT = –2 V
∆ VON
∆ VON
∆ VON
19.5
14.5
28
ON-resistance Match
Per ON-resistance test
condition of SW3, SW4
Magnitude
RON SW3 – RON SW4
—0.2
1.0
ON-state Voltage*
Iswitch = ILIMIT @ 50 Hz/60 Hz
VON
220
V
dc Current Limit:
+85 °C
–40 °C
Vswitch (on) = ±10 V
Vswitch (on) = ±10 V
Iswitch
Iswitch
80
250
mA
mA
Dynamic Current Limit
(t = <0.5 µs)
Break switches in ON state; ringing
access switches OFF; apply ±1000 V at
10/1000 µs pulse; appropriate second-
ary protection in place
Iswitch
2.5
A
Isolation:
+25 °C
+85 °C
–40 °C
Vswitch (both poles) = ±320 V,
Logic inputs = Gnd
Vswitch (both poles) = ±330 V,
Logic inputs = Gnd
Vswitch (both poles) = ±310 V,
Logic inputs = Gnd
Iswitch
Iswitch
Iswitch
1
1
1
µA
µA
µA
dV/dt Sensitivity
200
V/µs


Similar Part No. - ATTL7583AAJ-DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7583AAJ ETC1-ATTL7583AAJ Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7583AAJ-DT

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com