Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7582 Datasheet(PDF) 3 Page - Agere Systems

Part # L7582
Description  Tip Ring Access Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7582 Datasheet(HTML) 3 Page - Agere Systems

  L7582 Datasheet HTML 1Page - Agere Systems L7582 Datasheet HTML 2Page - Agere Systems L7582 Datasheet HTML 3Page - Agere Systems L7582 Datasheet HTML 4Page - Agere Systems L7582 Datasheet HTML 5Page - Agere Systems L7582 Datasheet HTML 6Page - Agere Systems L7582 Datasheet HTML 7Page - Agere Systems L7582 Datasheet HTML 8Page - Agere Systems L7582 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Lucent Technologies Inc.
3
Data Sheet
November 1999
L7582 Tip Ring Access Switch
Pin Information (continued)
Table 1. Pin Descriptions
DIP SOG Symbol
Description
DIP
SOG
Symbol
Description
11
FGND
Fault ground.
16
16
VBAT
Battery voltage. Used as a ref-
erence for protection circuit.
22
TBAT
Connect to TIP on SLIC side.
15
15
RBAT
Connect to RING on SLIC side.
33
TLINE
Connect to TIP on line side.
14
14
RLINE
Connect to RING on line side.
44
TRINGING Connect to return ground for ring-
ing generator.
13
13
RRINGING Connect to ringing generator.
55
TACCESS Test access.
12
12
RACCESS Test access.
66
VDD
5 V supply.
11
11
LATCH
Data latch control, active-high,
transparent low.
77
TSD
Temperature shutdown pin. Can
be used as a logic level input or
output. See Table 13, Truth Table,
and the Switching Behavior sec-
tion of this data sheet for input pin
description. As an output, will
read 5 V when device is in its
operational mode and 0 V in the
thermal shutdown mode. To dis-
able the thermal shutdown mech-
anism, tie this pin to 5 V (not
recommended).
10
10
INRING
Logic level input switch control.
88
DGND
Digital ground.
9
9
INACCESS Logic level input switch control.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings
can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the
device is not implied at these or any other conditions in
excess of those given in the operational sections of the
data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Table 2. Absolute Maximum Ratings Parameters
Handling Precautions
Although protection circuitry has been designed into
this device, proper precautions should be taken to
avoid exposure to electrostatic discharge (ESD) during
handling and mounting. Lucent Technologies Micro-
electronics Group employs a human-body model
(HBM) and a charged-device model (CDM) for ESD-
susceptibility testing and protection design evaluation.
ESD voltage thresholds are dependent on the circuit
parameters used to define the model. No industry-wide
standard has been adopted for CDM. However, a stan-
dard HBM (resistance = 1500
Ω, capacitance = 100 pF)
is widely used and therefore can be used for compari-
son purposes. The HBM ESD threshold presented
here was obtained by using these circuit parameters.
Table 3. HBM ESD Threshold Voltage
Parameter
Min
Max
Unit
Operating Temperature Range
–40
110
°C
Storage Temperature Range
–40
150
°C
Relative Humidity Range
5
95
%
Pin Soldering Temperature (t =
10 s max)
—260
°C
5 V Power Supply
7
V
Battery Supply
–85
V
Logic Input Voltage
7
V
Input-to-output Isolation
330
V
Pole-to-pole Isolation
330
V
Device
Rating
L7582
1000 V


Similar Part No. - L7582

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
L7583A AGERE-L7583A Datasheet
486Kb / 20P
   Line Card Access Switch
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7585G AGERE-L7585G Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
More results

Similar Description - L7582

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S43W474MV4E JOHANSON-251S43W474MV4E Datasheet
74Kb / 3P
   TIP & RING CHIP CAPACITORS
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
CUI INC
SJ2-35364B-SMT-TR CUI-SJ2-35364B-SMT-TR Datasheet
484Kb / 4P
   tip switch
SJ2-35464B-SMT-TR CUI-SJ2-35464B-SMT-TR Datasheet
414Kb / 4P
   tip switch
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com