Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D572C22SS Datasheet(PDF) 1 Page - Agere Systems

Part # D572C22SS
Description  D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D572C22SS Datasheet(HTML) 1 Page - Agere Systems

  D572C22SS Datasheet HTML 1Page - Agere Systems D572C22SS Datasheet HTML 2Page - Agere Systems D572C22SS Datasheet HTML 3Page - Agere Systems D572C22SS Datasheet HTML 4Page - Agere Systems D572C22SS Datasheet HTML 5Page - Agere Systems D572C22SS Datasheet HTML 6Page - Agere Systems D572C22SS Datasheet HTML 7Page - Agere Systems D572C22SS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advance Data Sheet
February 2000
D572-Type 1.5
µm Uncooled DFB FastLight ™ Laser Module
for 2.5 Gbits/s and High Bandwidth Applications
The low-profile D572-Type Laser Module is ideally suited for
OC-48 SONET and other high-speed digital applications.
Features
s
8-pin package suitable for SONET applications
s
Narrow linewidth, distributed feedback, multiquan-
tum-well (DFB-MQW)1510 nm or 1550 nm laser
with single-mode fiber pigtail
s
Operating temperature range: –25
°C to +70 °C
(–25
°C to +85 °C versions under development)
s
No TEC required
s
High output power: typical 2.0 mW peak power
coupled into single-mode fiber
s
Hermetically sealed active components
s
Internal back-facet monitor
s
Built-in thermistor and Bias T
s
25
Ω input impedance
s
Internal isolator
s
Telcordia Technologies * TA-983 qualification pro-
gram
s
Bandwidth > 3 GHz
Applications
s
SONET OC-48/STM-16 systems
s
Telecommunications
s
Secure digital data systems
Benefits
s
Easily board mounted
s
Gull-wing leads
s
No additional heat sinks required
s
Low-cost alternative to industry-standard, 14-pin
isolated laser module (ILM)
s
Highly efficient DFB-MQW laser structure allows
for lower threshold and drive currents, and reduced
power consumption
Description
The D572-Type Uncooled Laser Module consists of a
laser diode coupled to a single-mode fiber pigtail.
The device is available in a standard, 8-pin configu-
ration (see Figure 1 and/or Table 1) and is ideal for
long-reach (SONET) and other high-speed digital
applications.
The module includes a narrow linewidth (<1 nm)
DFB-MQW single-mode laser and an InGaAs PIN
photodiode back-facet monitor in a hermetically
sealed package.
This package is optimized for a 25
Ω input imped-
ance and allows for dc biasing through an internal
bias tee. A thermistor has been included for feedback
to board-level bias circuitry, if needed.
*
Telcordia Technologies is a trademark of Bell Communications
Research, Inc.


Similar Part No. - D572C22SS

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D572C22SS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
logo
Ericsson
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com