Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTL7554P-TR Datasheet(PDF) 6 Page - Agere Systems

Part # ATTL7554P-TR
Description  L7554 Low-Power SLIC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7554P-TR Datasheet(HTML) 6 Page - Agere Systems

Back Button ATTL7554P-TR Datasheet HTML 2Page - Agere Systems ATTL7554P-TR Datasheet HTML 3Page - Agere Systems ATTL7554P-TR Datasheet HTML 4Page - Agere Systems ATTL7554P-TR Datasheet HTML 5Page - Agere Systems ATTL7554P-TR Datasheet HTML 6Page - Agere Systems ATTL7554P-TR Datasheet HTML 7Page - Agere Systems ATTL7554P-TR Datasheet HTML 8Page - Agere Systems ATTL7554P-TR Datasheet HTML 9Page - Agere Systems ATTL7554P-TR Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
Lucent Technologies Inc.
Data Sheet
March 1997
L7554 Low-Power SLIC
Functional Description
Table 2. Input State Coding
Table 3. Supervision Coding
Absolute Maximum Ratings (TA = 25
°C)
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Note: The IC can be damaged unless all ground connections are applied before, and removed after, all other connections. Furthermore, when
powering the device, the user must guarantee that no external potential creates a voltage on any pin of the device that exceeds the
device ratings. Some of the known examples of conditions that cause such potentials during powerup are the following: 1) an inductor
connected to Tip and Ring can force an overvoltage on VBAT through the protection devices if the VBAT connection chatters, and 2)
inductance in the VBAT lead could resonate with the VBAT filter capacitor to cause a destructive overvoltage.
B0
B1
B2
State/Definition
1
1
1
Powerup, Forward Battery. Normal talk and battery feed state. Pin PT is positive with respect to
PR. On-hook transmission is enabled.
1
1
0
Powerup, Reverse Battery. Normal talk and battery feed state. Pin PR is positive with respect to
PT. On-hook transmission is enabled.
0
1
1
Ground Start. Tip drive amplifier is turned off. The device presents a high-impedance (>100 k
Ω)
to the PT pin and a current-limited battery to the PR pin. Output pin RGDET indicates current flow-
ing in the ring lead.
0
1
0
Low-Power Scan, Reverse Battery. Except for off-hook supervision, all circuits are shut down to
conserve power. Pin PR is positive with respect to PT. On-hook transmission is disabled.
0
0
1
Low-Power Scan, Forward Battery. Except for off-hook supervision, all circuits are shut down to
conserve power. Pin PT is positive with respect to PR. On-hook transmission is disabled.
0
0
0
Disconnect. The Tip and Ring amplifiers are turned off and the SLIC goes to a high-impedance
state (>100 k
Ω).
Pin NLC
Pin NRDET
Pin RGDET
0 = off-hook
1 = on-hook
0 = ring trip
1 = no ring trip
1 = ring ground
0 = no ring ground
Parameter
Symbol
Value
Unit
5 V Power Supply
VCC
7.0
V
Battery (Talking) Supply
VBAT
–75
V
Logic Input Voltage
–0.5 to +7.0
V
Analog Input Voltage
–7.0 to +7.0
V
Maximum Junction Temperature
TJ
165
°C
Storage Temperature Range
Tstg
–40 to +125
°C
Relative Humidity Range
RH
5 to 95
%
Ground Potential Difference (BGND to AGND)
±3
V
PT or PR Fault Voltage (dc)
VPT, VPR
(VBAT – 5) to +3
V
PT or PR Fault Voltage (10 x 1000
µs)
VPT, VPR
(VBAT – 15) to +15
V
Current into Ring Trip Inputs
IRTSP, IRTSN
±240
µA


Similar Part No. - ATTL7554P-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATTL7554AP ETC1-ATTL7554AP Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

Similar Description - ATTL7554P-TR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com