Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D572C20GS Datasheet(PDF) 4 Page - Agere Systems

Part # D572C20GS
Description  D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D572C20GS Datasheet(HTML) 4 Page - Agere Systems

  D572C20GS Datasheet HTML 1Page - Agere Systems D572C20GS Datasheet HTML 2Page - Agere Systems D572C20GS Datasheet HTML 3Page - Agere Systems D572C20GS Datasheet HTML 4Page - Agere Systems D572C20GS Datasheet HTML 5Page - Agere Systems D572C20GS Datasheet HTML 6Page - Agere Systems D572C20GS Datasheet HTML 7Page - Agere Systems D572C20GS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
D572-Type 1.5
µm Uncooled DFB FastLight Laser Module
Advance Data Sheet
for 2.5 Gbits/s and High-Bandwidth Applications
February 2000
4
Lucent Technologies Inc.
Qualification Information
The D572-Type Laser Module is scheduled to complete the following qualification tests and meets the intent of
Telcordia Technologies TR-NWT-000468 for interoffice environments and TA-TSY-000983 for outside plant environ-
ments.
Table 3. D572-Type Laser Module Qualification Test Plan
Qualification Test
Conditions
Sample Size
Reference
Mechanical Shock
500 G
11
MIL-STD-883
Method 2002
Vibration
20 g, 20 Hz—2,000 Hz
11
MIL-STD-883
Method 2007
Solderability
11
MIL-STD-883
Method 2007
Thermal Shock
Delta T = 100
°C
11
MIL-STD-883
Method 2003
Fiber Pull
1 kg; 3 times
11
Bellcore 983
Accelerated (Biased) Aging
85
°C, 5,000 hrs.
25
Bellcore 983
Section 5.18
High-temperature Storage
85
°C, 2,000 hrs.
11
Bellcore 983
Temperature Cycling
500 cycles
11
Bellcore 983
Section 5.20
Cyclic Moisture Resistance
10 cycles
11
Bellcore 983
Section 5.23
Damp Heat
40
°C, 95% RH,
1344 hrs.
11
MIL-STD-202
Method 103
Internal Moisture
<5,000 ppm water vapor
11
MIL-STD-883
Method 1018
Flammability
TR357
Section 4.4.2.5
ESD Threshold
6
Bellcore 983
Section 5.22


Similar Part No. - D572C20GS

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D572C20GS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
logo
Ericsson
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com