Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D572C20GS Datasheet(PDF) 2 Page - Agere Systems

Part # D572C20GS
Description  D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D572C20GS Datasheet(HTML) 2 Page - Agere Systems

  D572C20GS Datasheet HTML 1Page - Agere Systems D572C20GS Datasheet HTML 2Page - Agere Systems D572C20GS Datasheet HTML 3Page - Agere Systems D572C20GS Datasheet HTML 4Page - Agere Systems D572C20GS Datasheet HTML 5Page - Agere Systems D572C20GS Datasheet HTML 6Page - Agere Systems D572C20GS Datasheet HTML 7Page - Agere Systems D572C20GS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
D572-Type 1.5
µm Uncooled DFB FastLight Laser Module
Advance Data Sheet
for 2.5 Gbits/s and High-Bandwidth Applications
February 2000
2
2
Lucent Technologies Inc.
Description (continued)
The device characteristics listed in this document are
met at 2.0 mW output power. Higher- or lower-power
operation is possible. Under conditions of a fixed
photodiode current, the change in optical output is typi-
cally
±0.5 dB over an operating temperature range of
–25
°C to +70 °C.
This device incorporates the new Laser 2000 manufac-
turing process from the Optoelectronic Products unit of
Lucent Technologies Microelectronics Group. Laser
2000 is a low-cost platform that targets high-volume
manufacturing and tighter product distributions on all
optical subassemblies. This platform incorporates an
advanced optical design that is produced on one of the
highly automated production lines at the Opotelectronic
manufacturing facility. The Laser 2000 platform is quali-
fied for the central office and uncontrolled environ-
ments, and can be used for applications requiring high
performance and low cost.
Table 1. Pin Descriptions
Pin Number
Connection
1
Thermistor
2
Thermistor, package GND
3
Laser dc bias cathode (–) choke
4
Photodiode cathode
5
Photodiode anode
6
Laser diode anode (+)
7
Laser RF input cathode (–) 25
8
Laser diode anode (+)
Figure 1. D572-Type Uncooled DFB Mini 8-Pin Laser Module Schematic, Top View
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Rating varies with temperature.
Parameter
Symbol
Min
Max
Unit
Maximum Peak Laser Drive Current or
Maximum Fiber Power*
IOP
PMAX
150
10
mA
mW
Peak Reverse Laser Voltage:
Laser
Monitor
VRL
VRM
2
20
V
V
Monitor Forward Current
IFD
—2
mA
Operating Case Temperature Range
TC
–40
85
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
260/10
°C/s
Relative Humidity (noncondensing)
RH
85
%
1-900.b
56
8
7
43
1
2


Similar Part No. - D572C20GS

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D572C20GS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
logo
Ericsson
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com