Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW32305 Datasheet(PDF) 7 Page - Agere Systems

Part # FW32305
Description  1394A PCI PHY/Link Open Host Controller Interface
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW32305 Datasheet(HTML) 7 Page - Agere Systems

Back Button FW32305 Datasheet HTML 3Page - Agere Systems FW32305 Datasheet HTML 4Page - Agere Systems FW32305 Datasheet HTML 5Page - Agere Systems FW32305 Datasheet HTML 6Page - Agere Systems FW32305 Datasheet HTML 7Page - Agere Systems FW32305 Datasheet HTML 8Page - Agere Systems FW32305 Datasheet HTML 9Page - Agere Systems FW32305 Datasheet HTML 10Page - Agere Systems FW32305 Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
Agere Systems Inc.
7
Data Sheet, Rev. 2
FW323 05
October 2001
1394A PCI PHY/Link Open Host Controller Interface
FW323 Functional Overview
s
PCI:
— Revision 2.2 compliant
— 33 MHz/32-bit operation
— Programmable burst size for PCI data transfer
— Supports PCI Bus Power Management Interface Specification v.1.1
— Supports clockrun protocol per PCI Mobile Design Guide
— Global byte swap function
Other Features
s
I2C serial ROM interface
s
CMOS process
s
3.3 V operation, 5 V tolerant inputs
s
128-pin TQFP package
The FW323 is the Agere Systems Inc. implementation of a high-performance, PCI bus-based open host controller for
implementation of
IEEE 1394a-2000 compliant systems and devices. Link-layer functions are handled by the
FW323, utilizing the on-chip 1394a-2000 compliant link core and physical layer core. A high-performance and cost-
effective solution for connecting and servicing multiple
IEEE 1394 (both 1394-1995 and 1394a-2000) peripheral
devices can be realized.
5-6250 (F).e
Figure 1. FW323 Functional Block Diagram
PCI
BUS
CABLE PORT 2
PCI
ROM
OHCI
OHCI
LINK
CORE
ISOCH
ASYNC
I/F
CORE
PHY
CORE
CABLE PORT 1
CABLE PORT 0
FW323 Functional Description
The FW323 is comprised of five major functional
sections (see Figure 1): PCI core, isochronous data
transfer, asynchronous data transfer, link core, and
PHY core. The following is a general description of
each of the five major sections.
PCI Core
The PCI core serves as the interface to the PCI bus. It
contains the state machines that allow the FW323 to
respond properly when it is the target of the transaction.
During 1394 packet transmission or reception, the PCI
core arbitrates for the PCI bus and enables the FW323
to become the bus master for reading the different
buffer descriptors and management of the actual data
transfers to/from host system memory.
The PCI core also supports the
PCI Bus Power
Management Interface Specification v.1.1. Included in
this support is a standard power management register
interface accessible through the PCI configuration
space. Through this register interface, software is able
to transition the FW323 into four distinct power
consumption states (D0, D1, D2, and D3). This permits
software to selectively increase/decrease the power
consumption of the FW323 for reasons such as periods
of system inactivity or power conservation. In addition,
the FW323 also includes support for hardware wake-up
mechanisms through power management events


Similar Part No. - FW32305

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW32306 AGERE-FW32306 Datasheet
1Mb / 92P
   PCI PHY/Link Open Host Controller Interface
FW323061394 AGERE-FW323061394 Datasheet
1Mb / 92P
   PCI PHY/Link Open Host Controller Interface
FW323061394A AGERE-FW323061394A Datasheet
1Mb / 92P
   PCI PHY/Link Open Host Controller Interface
More results

Similar Description - FW32305

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW322 AGERE-FW322 Datasheet
1Mb / 148P
   1394A PCI PHY/Link Open Host Controller Interface
FW32206T100 AGERE-FW32206T100 Datasheet
939Kb / 86P
   1394a PCI PHY/Link Open Host Controller
FW323061394 AGERE-FW323061394 Datasheet
1Mb / 92P
   PCI PHY/Link Open Host Controller Interface
FW322061394 AGERE-FW322061394 Datasheet
959Kb / 92P
   PCI PHY/Link Open Host Controller Interface
logo
VIA Technologies, Inc.
VT6307 VIA-VT6307 Datasheet
449Kb / 54P
   PCI 1394a-2000 Integrated Host Controller
logo
Texas Instruments
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
[Old version datasheet]   INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com