Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRT1A16E-TR Datasheet(PDF) 7 Page - Agere Systems

Part # BRT1A16E-TR
Description  Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BRT1A16E-TR Datasheet(HTML) 7 Page - Agere Systems

Back Button BRT1A16E-TR Datasheet HTML 3Page - Agere Systems BRT1A16E-TR Datasheet HTML 4Page - Agere Systems BRT1A16E-TR Datasheet HTML 5Page - Agere Systems BRT1A16E-TR Datasheet HTML 6Page - Agere Systems BRT1A16E-TR Datasheet HTML 7Page - Agere Systems BRT1A16E-TR Datasheet HTML 8Page - Agere Systems BRT1A16E-TR Datasheet HTML 9Page - Agere Systems BRT1A16E-TR Datasheet HTML 10Page - Agere Systems BRT1A16E-TR Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Agere Systems Inc.
7
Data Sheet
April 2001
BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Quad Differential Receivers
ESD Failure Models
Agere employs two models for ESD events that can
cause device damage or failure:
1. An HBM that is used by most of the industry for
ESD-susceptibility testing and protection-design
evaluation. ESD voltage thresholds are dependent
on the critical parameters used to define the model.
A standard HBM (resistance = 1500
Ω,
capacitance = 100 pF) is widely used and, therefore,
can be used for comparison purposes.
2. A charged-device model (CDM), which many
believe is the better simulator of electronics
manufacturing exposure.
Table 5 and Table 6 illustrates the role these two
models play in the overall prevention of ESD damage.
HBM ESD testing is intended to simulate an ESD event
from a charged person. The CDM ESD testing
simulates charging and discharging events that occur in
production equipment and processes, e.g., an
integrated circuit sliding down a shipping tube.
The HBM ESD threshold voltage presented here was
obtained by using the following circuit parameters:
Table 5. Typical ESD Thresholds for Data
Transmission Receivers
Table 6. ESD Damage Protection
Device
HBM Threshold
CDM
Threshold
Differential
Inputs
Others
BRF1A, BRR1A,
BRT1A
>800
>2000
>1000
BRF2A, BRS2B
>2000
>2000
>2000
ESD Threat Controls
Personnel
Processes
Control
Wrist straps.
ESD shoes.
Antistatic flooring.
Static-dissipative
materials.
Air ionization.
Model
Human body
model (HBM).
Charged-device
model (CDM).
Latch Up
Latch-up evaluation has been performed on the data transmission receivers. Latch-up testing determines if power-
supply current exceeds the specified maximum due to the application of a stress to the device under test. A device
is considered susceptible to latch up if the power supply current exceeds the maximum level and remains at that
level after the stress is removed.
Agere performs latch up testing per an internal test method that is consistent with JEDEC Standard No. 17
(previously JC-40.2)
CMOS Latch Up Standardized Test Procedure.
Latch up evaluation involves three separate stresses to evaluate latch up susceptibility levels:
1. dc current stressing of input and output pins.
2. Power supply slew rate.
3. Power supply overvoltage.
Table 7. Latch Up Test Criteria and Test Results
Based on the results in Table 7, the data transmission receivers pass the Agere latch-up esting requirements and
are considered not susceptible to latch up.
dc Current Stress
of I/O Pins
Power Supply
Slew Rate
Power Supply
Overvoltage
Data Transmission
Receiver ICs
Minimum Criteria
≥150 mA
≤1 µs
≥1.75 x Vmax
Test Results
≥250 mA
≤100 ns
≥2.25 x Vmax


Similar Part No. - BRT1A16E-TR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BRT11 SIEMENS-BRT11 Datasheet
167Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch
logo
Vishay Siliconix
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
   Optocoupler, Phototriac Output
Rev. 1.4, 26-Apr-04
BRT11 VISHAY-BRT11 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT11 VISHAY-BRT11 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
BRT11-H VISHAY-BRT11-H Datasheet
354Kb / 7P
   Optocoupler, Phototriac Output
Rev. 1.4, 26-Apr-04
More results

Similar Description - BRT1A16E-TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com