Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-D1M32B-120F14Q Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT-D1M32B-120F14Q
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D1M32B-120F14Q Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT-D1M32B-120F14Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D1M32B-120F14Q Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
eroflex Circuit Technology - Advanced Multichip Modules © SCD1661B REV A 1/16/97
General Description
Utilizing Intel’s SmartVoltage
Boot
Block
Flash
Memory
SmartDie™, the ACT–F1M32 is
a high speed, 32 megabit CMOS
flash multichip module (MCM)
designed for full temperature
range military, space, or high
reliability applications.
The ACT-F1M32 consists of
four
high-performance
Intel
X28F800BV 8 Mbit (8,388,608
bit)
memory
die.
Each
die
contains
separately
erasable
blocks, including a hardware
lockable
boot
block
(16,384
bytes), two parameter blocks
(8,192 bytes each), and 8 main
blocks (one block of 98,304
bytes
and
seven
blocks
of
131,072 bytes) This defines the
boot
block
flash
family
architecture.
The command register is
written by bringing WE to a logic
low level (VIL), while CE is low
and OE is high (VIH). Reading is
Features
Block Diagram – CQFP(F14)
Block Diagram – CQFP(F14)
s 4 Low Voltage/Power Intel 1M x 8 FLASH Die in One
MCM Package
s Overall Configuration is 1M x 32
s +5V Operation (Standard) or +3.3V (Consult Factory)
s Access Times of 80, 100 and 120 nS ( 5V VCC)
s +5V or +12V Programing
s Erase/Program Cycles
q
100,000 Commercial
q
10,000 Military and Industrial
s Sector Architecture (Each Die)
q
One 16K Protected Boot Block (Bottom Boot Block
Standard, Top Boot Block Special Order)
q
Two 8K Parameter Blocks
q
One 96K Main Block
q
Seven 128K Main Blocks
s Single Block Erase (All bits set to 1)
s Hardware Data Protection Feature
s Independent Boot Block Locking
s MIL-PRF-38534 Compliant MCMs Available
s Packaging – Hermetic Ceramic
q
68 Lead, .94" x .94" x .180" Dual-Cavity Small
Outline Gull Wing, Aeroflex code# "F14" (Drops into
the 68 Lead JEDEC .99"SQ CQFJ footprint)
s Internal Decoupling Capacitors for Low Noise
Operation
s Commercial, Industrial and Military Temperature
Ranges
CIRCUIT TECHNOLOGY
Standard Configuration
Pin Description
I/O0-31
Data I/O
A0–19
Address Inputs
WE
Write Enables
CE1-4
Chip Enables
OE
Output Enable
WP
Write Protect
RP
Reset/Powerdown
VCC
Power Supply
GND
Ground
NC
Not Connected
Pin Description
I/O0-31
Data I/O
A0–19
Address Inputs
WE1-4
Write Enable
CE1-4
Chip Enables
OE
Output Enable
RP
Reset/Powerdown
VCC
Power Supply
GND
Ground
NC
Not Connected
1Mx8
1Mx8
1Mx8
1Mx8
CE4
OE
A0 A19
I/O0-7
I/O8-15
I/O16-23
I/O24-31
8
8
8
8
CE3 WE4
WE3
WE2
WE1
CE1
CE2
RP
1Mx8
1Mx8
1Mx8
1Mx8
CE4
OE
A0 A19
I/O0-7
I/O8-15
I/O16-23
I/O24-31
8
8
8
8
CE3
WE
CE1
CE2
WP
RP
Optional Configuration
www.aeroflex.com/act1.htm
Boot Block
FLASH Multichip Module
ACT–F1M32 High Speed 32 Megabit


Similar Part No. - ACT-D1M32B-120F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-D1M96S AEROFLEX-ACT-D1M96S Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20C AEROFLEX-ACT-D1M96S-020F20C Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20I AEROFLEX-ACT-D1M96S-020F20I Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20M AEROFLEX-ACT-D1M96S-020F20M Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
ACT-D1M96S-020F20Q AEROFLEX-ACT-D1M96S-020F20Q Datasheet
105Kb / 14P
   ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
More results

Similar Description - ACT-D1M32B-120F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com