Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7054-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7054-6
Description  6 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7054-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7054-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7054-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
6 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
TNC Male
Connector 2
TNC Female
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
6
Maximum Input Power, Watts
25
Maximum VSWR
1.4:1
Frequency 1
Range, GHz
DC to 18
VSWR
1.4:1
Attenuation Accuracy, dB
0.8
Mechanical Specifications
Temperature
Size
Length, in [mm]
4.65 [118.11]
Width, in [mm]
2.65 [67.31]
Height, in [mm]
2.65 [67.31]
.
Connector 1
Type
TNC Male
Connector Specification
MIL-C-39012
Connector 2
Type
TNC Female
Connector Specification
MIL-C-39012
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/6db-fixed-tnc-male-tnc-female-25-watts-attenuator-pe7054-6-p.aspx
6 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
6 dB Fixed Attenuator, TNC Male To TNC Female
Rated To 25 Watts Up To 18 GHz
PE7054-6
PE7054-6 REV


Similar Part No. - PE7054-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7054-6 PASTERNACK-PE7054-6 Datasheet
251Kb / 4P
   6 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7054-6 PASTERNACK-PE7054-6_16 Datasheet
251Kb / 4P
   6 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7054-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7375-6 PASTERNACK-PE7375-6 Datasheet
327Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7378-6 PASTERNACK-PE7378-6 Datasheet
327Kb / 3P
   6 dB Fixed Attenuator, TNC Female To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-2 PASTERNACK-PE7054-2 Datasheet
256Kb / 2P
   2 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-40 PASTERNACK-PE7054-40 Datasheet
256Kb / 2P
   40 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-1 PASTERNACK-PE7054-1 Datasheet
256Kb / 2P
   1 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7375-40 PASTERNACK-PE7375-40 Datasheet
328Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-20 PASTERNACK-PE7054-20 Datasheet
256Kb / 2P
   20 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-10 PASTERNACK-PE7054-10 Datasheet
256Kb / 2P
   10 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-3 PASTERNACK-PE7054-3 Datasheet
256Kb / 2P
   3 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7375-20 PASTERNACK-PE7375-20 Datasheet
327Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com