Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPNPA16G-TR Datasheet(PDF) 3 Page - Agere Systems

Part # BPNPA16G-TR
Description  Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BPNPA16G-TR Datasheet(HTML) 3 Page - Agere Systems

  BPNPA16G-TR Datasheet HTML 1Page - Agere Systems BPNPA16G-TR Datasheet HTML 2Page - Agere Systems BPNPA16G-TR Datasheet HTML 3Page - Agere Systems BPNPA16G-TR Datasheet HTML 4Page - Agere Systems BPNPA16G-TR Datasheet HTML 5Page - Agere Systems BPNPA16G-TR Datasheet HTML 6Page - Agere Systems BPNPA16G-TR Datasheet HTML 7Page - Agere Systems BPNPA16G-TR Datasheet HTML 8Page - Agere Systems BPNPA16G-TR Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Lucent Technologies Inc.
3
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Quad Differential Drivers
Electrical Characteristics
For electrical characteristics over the entire temperature range, see Figures 7 through 9.
Table 2. Power Supply Current Characteristics
TA = –40 °C to +125 °C, VCC = 5 V
± 0.5 V.
* Measured with no load (BPPGA has no load on drivers C and D).
† The additional power dissipation is the result of integrating the termination resistors into the device. ICC is measured with a 100
Ω resistor
across the driver outputs (BPPGA has terminating resistors on drivers A and B).
Third State
These drivers produce pseudo-ECL levels, and the third-state mode is different than the conventional TTL devices.
When a driver is placed in the third state, the bases of the output transistors are pulled low, bringing the outputs
below the active-low levels. This voltage is typically 2 V for most drivers. In the bidirectional bus application, the
driver of one device, which is in its third state, may be back driven by another driver on the bus whose voltage in the
low state is lower than the third-stated device. This could come about due to differences in the drivers’ independent
power supplies. In this case, the device in the third state will control the line, thus clamping the line and reducing
the signal swing. If the difference voltage between the independent power supplies and the drivers is small, then
this consideration can be ignored. In the typical case, the difference voltage can be as much as 1 V without signifi-
cantly affecting the amplitude of the driving signal.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Current (VCC = 5.5 V):
All Outputs Disabled:
BDG1A*, BPNGA*
ICC
45
65
mA
BDP1A, BPNPA
ICC
120
160
mA
BDGLA*
ICC
35
55
mA
BPPGA*
ICC
85
115
mA
All Outputs Enabled:
BDG1A*, BPNGA*
ICC
25
40
mA
BDP1A, BPNPA
ICC
150
200
mA
BDGLA*
ICC
14
20
mA
BPPGA*
ICC
90
115
mA


Similar Part No. - BPNPA16G-TR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BPNPA16G AGERE-BPNPA16G Datasheet
255Kb / 16P
   QUAD DIFFERENTIAL DRIVERS
More results

Similar Description - BPNPA16G-TR

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DS99144 AGERE-DS99144 Datasheet
255Kb / 16P
   QUAD DIFFERENTIAL DRIVERS
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com