Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7051-30 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7051-30
Description  30 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7051-30 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7051-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7051-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7051-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
30 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
TNC Male
Connector 2
TNC Female
Body Material and Plating
Brass, Nickel
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Attenuation Value, dB
30
Maximum Input Power, Watts
2
Frequency 1
Range, GHz
DC to 4
VSWR
1.15:1
Attenuation Accuracy, dB
± 0.75
Frequency 2
Range, GHz
4 to 8
VSWR
1.2:1
Attenuation Accuracy, dB
± 0.75
Frequency 3
Range, GHz
8 to 12.4
VSWR
1.25:1
Attenuation Accuracy, dB
± 0.75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
Size
Length, in [mm]
1.35 [34.29]
Width, in [mm]
0.59 [14.99]
.
Connector 1
Type
TNC Male
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 30 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To
12.4 GHz PE7051-30
PE7051-30
PE7051-30 REV
30 dB Fixed Attenuator, TNC Male To TNC Female Brass
Nickel Body Rated To 2 Watts Up To 12.4 GHz


Similar Part No. - PE7051-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7051-30 PASTERNACK-PE7051-30 Datasheet
236Kb / 3P
   30 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
PE7051-30 PASTERNACK-PE7051-30_16 Datasheet
236Kb / 3P
   30 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
More results

Similar Description - PE7051-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7051-2 PASTERNACK-PE7051-2 Datasheet
216Kb / 3P
   2 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7051-10 PASTERNACK-PE7051-10 Datasheet
217Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7051-3 PASTERNACK-PE7051-3 Datasheet
218Kb / 3P
   3 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7051-6 PASTERNACK-PE7051-6 Datasheet
218Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7051-40 PASTERNACK-PE7051-40 Datasheet
218Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7051-20 PASTERNACK-PE7051-20 Datasheet
217Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7051-1 PASTERNACK-PE7051-1 Datasheet
215Kb / 3P
   1 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 2 Watts Up To 12.4 GHz
PE7003-30 PASTERNACK-PE7003-30 Datasheet
215Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7003-30 PASTERNACK-PE7003-30_16 Datasheet
271Kb / 4P
   30 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
PE7051-30 PASTERNACK-PE7051-30_16 Datasheet
236Kb / 3P
   30 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com