Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D571-11N Datasheet(PDF) 6 Page - Agere Systems

Part # D571-11N
Description  D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D571-11N Datasheet(HTML) 6 Page - Agere Systems

  D571-11N Datasheet HTML 1Page - Agere Systems D571-11N Datasheet HTML 2Page - Agere Systems D571-11N Datasheet HTML 3Page - Agere Systems D571-11N Datasheet HTML 4Page - Agere Systems D571-11N Datasheet HTML 5Page - Agere Systems D571-11N Datasheet HTML 6Page - Agere Systems D571-11N Datasheet HTML 7Page - Agere Systems D571-11N Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
D571-Type Digital 1.5
µm Uncooled DFB
Advance Data Sheet
FastLight Laser Module
April 2000
6
Lucent Technologies Inc.
Laser Safety Information
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All versions are Class IIIb laser products per CDRH, 21 CFR 1040 Laser
Safety requirements. All versions are Class IIIb laser products per
IEC * 60825-1:1993. The device has been certi-
fied with the FDA under accession number 8720010.
This product complies with 21 CFR 1040.10 and 1040.11.
8.3/125
µm single-mode fiber pigtail and connector (optional)
Wavelength = 1.5
µm
Maximum power = 10 mW
Because of size constraints, laser safety labeling is not affixed to the module but attached to the outside of the
shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
*
IEC is a registered trademark of The International Electrotechnical Commission.
10
mW
1.5
µm


Similar Part No. - D571-11N

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D571-11N

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com