Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D371-22F Datasheet(PDF) 3 Page - Agere Systems

Part # D371-22F
Description  D371-Type Digital Uncooled DFB Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D371-22F Datasheet(HTML) 3 Page - Agere Systems

  D371-22F Datasheet HTML 1Page - Agere Systems D371-22F Datasheet HTML 2Page - Agere Systems D371-22F Datasheet HTML 3Page - Agere Systems D371-22F Datasheet HTML 4Page - Agere Systems D371-22F Datasheet HTML 5Page - Agere Systems D371-22F Datasheet HTML 6Page - Agere Systems D371-22F Datasheet HTML 7Page - Agere Systems D371-22F Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
January 1999
D371-Type Digital Uncooled DFB Laser Module
3
Agere Systems Inc.
Handling Precautions
Caution: This device is susceptible to damage as a result of electrostatic discharge (ESD). Take proper pre-
cautions during both handling and testing. Follow guidelines such as JEDEC Publication No. 108-
A (Dec. 1988).
Although protection circuitry is designed into the device, take proper precautions to avoid exposure to ESD.
Electro/Optical Characteristics
* 1 mW power option also available. See Table 4 for more information.
† The slope efficiency is used to calculate the modulation current for a desired output power. This modulation current plus the threshold current
comprise the total operating current for the device.
‡VR = reverse voltage.
Table 2. Electro/Optical Characteristics (over operating temperature range unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Temperature
Range
T
–40
85
°C
Optical Output Power*
PF
CW, nominal
2
mW
Threshold Current
ITH
T = 25
°C
T = full range
4
2
11
15
50
mA
mA
Modulation Current
IMOD
CW, PF = 2.0 mW, T = 25
°C
CW, IMON = const. T = full range
10
7.5
20
30
55
mA
Slope Efficiency
SE
CW, PF = 2.0 mW, T = 25
°C
67
200
µW/mA
Center Wavelength
λC
PF = 2.0 mW, CW
1280
1335
nm
Spectral Width (–20 dB)
∆λ
PF = 2.0 mW, 622 Mbits/s
1
nm
Side-mode Suppression
Ratio
SMSR
CW, PF = 2.0 mW
30
40
dB
Tracking Error
TE
IMON = constant, CW
0.5
dB
Spontaneous Emission
PTH
I = (0.9) ITH
——
50
µW
Rise/Fall Times
tR, tF
10%—90% pulse
T = 25
°C
0.25
0.5
ns
Forward Voltage
VF
CW
1.1
1.6
V
Input Impedance
R
3
8
Monitor Current
IMON
VR‡ = 5 V
50
1000
µA
Monitor Dark Current
ID
VR‡ = 5 V
10
200
nA
Wavelength Tempera-
ture Coefficient
0.09
0.1
nm/
°C


Similar Part No. - D371-22F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
logo
eupec GmbH
D371S45T EUPEC-D371S45T Datasheet
49Kb / 5P
   Schnelle Gleichrichterdiode Fast Diode
logo
Inchange Semiconductor ...
D371S45T ISC-D371S45T Datasheet
191Kb / 2P
   Fast Recovery Diode
More results

Similar Description - D371-22F

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
   1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com