Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D372-21AS Datasheet(PDF) 3 Page - Agere Systems

Part # D372-21AS
Description  D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D372-21AS Datasheet(HTML) 3 Page - Agere Systems

  D372-21AS Datasheet HTML 1Page - Agere Systems D372-21AS Datasheet HTML 2Page - Agere Systems D372-21AS Datasheet HTML 3Page - Agere Systems D372-21AS Datasheet HTML 4Page - Agere Systems D372-21AS Datasheet HTML 5Page - Agere Systems D372-21AS Datasheet HTML 6Page - Agere Systems D372-21AS Datasheet HTML 7Page - Agere Systems D372-21AS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
D372-Type Digital Uncooled DFB
December 2000
Laser Module for 2.5 Gbits/s Applications
3
Agere Systems Inc.
Handling Precautions
Caution: This device is susceptible to damage as a result of electrostatic discharge (ESD). Take proper
precautions during both handling and testing. Follow guidelines such as JEDEC Publication No.
108-A (Dec. 1988).
Although protection circuitry is designed into the device, take proper precautions to avoid exposure to ESD.
Electrical/Optical Characteristics
* The slope efficiency is used to calculate the modulation current for a desired output power. This modulation current plus the threshold current
comprise the total operating current for the device.
† Corrected for electrical pulse fall time.
‡ VR = reverse voltage.
Table 2. D372-20 Electrical/Optical Characteristics (over operating temperature range unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Temperature
Range
T
–40
85
°C
Optical Output Power
PF
CW, peak
2
mW
Threshold Current
ITH
T = 25
°C
T = full range
5
2
11
15
50
mA
mA
Modulation Current
IMOD
CW, PF = 2.0 mW, T = 25
°C
CW, IMON = const.,T = full range
13
7.5
20
33
55
mA
Slope Efficiency*
SE
CW, PF = 2.0 mW, T = 25
°C
61
154
µW/mA
Center Wavelength
λC
PF = 2.0 mW, CW
1280
1335
nm
Spectral Width (–20 dB)
∆λ
PF = 2.0 mW
1
nm
Side-mode Suppression
Ratio
SMSR
CW, PF = 2.0 mW
30
40
dB
Tracking Error
TE
IMON = constant, CW
0.5
1.25
dB
Spontaneous Emission
PTH
I = (0.9) ITH
——
50
µW
Rise/Fall Times
tR, tF
10%—90% pulse, T = 25
°C
0.125
0.150
ns
Dispersion Penalty
DP
<60 km, 256 ps/nm
1.0
dB
Optical Return Loss
ORL
CW
18
dB
Forward Voltage
VF
At bias coil
1.1
1.6
V
Input Impedance
R
25
Monitor Current
IMON
VR‡ = 5 V
100
1000
µA
Monitor Dark Current
ID
VR‡ = 5 V
10
200
nA
Wavelength Tempera-
ture Coefficient
0.09
0.1
nm/
°C


Similar Part No. - D372-21AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
More results

Similar Description - D372-21AS

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
logo
Ericsson
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com