Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT-S1M32T-100F14Q Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-S1M32T-100F14Q
Description  ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S1M32T-100F14Q Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-S1M32T-100F14Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S1M32T-100F14Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S1M32T-100F14Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S1M32T-100F14Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S1M32T-100F14Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S1M32T-100F14Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S1M32T-100F14Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S1M32T-100F14Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S1M32T-100F14Q Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Aeroflex Circuit Technology
SCD1661B REV A 1/16/97 Plainview NY (516) 694-6700
2
accomplished by chip Enable (CE) and
Output Enable (OE) being logically active.
Access time grades of 80nS, 100nS and
120nS maximum are standard.
The ACT–F1M32 is packaged in a
hermetically sealed co-fired ceramic 68
lead,
.94" SQ Ceramic Gull Wing CQFP
package. This allows operation in a military
environment temperature range of -55°C to
+125°C.
The ACT–F1M32 provides program and
erase capability at 5V or 12V and allows
reads with Vcc at 5V or 3.3V(Not tested).
Since
many
designs
read
from
flash
memory a large percentage of the time,
read operation using 3.3V can provide
great power savings. Consult the factory for
3.3V tested parts. In applications where
read performance is critical, faster access
times are obtainable with the 5V VCC part
detailed herein.
For program and erase operations, 5V
Vpp operation eliminates the need for in
system voltage converters. The 12V Vpp
operation provides reduced (approx 60%)
program and erase times where 12V is
available
in
the
system.
For
design
simplicity, however, connect Vcc and Vpp
to the same 5V ±10% source.
Each
block
can
be
independently
erased and programmed 100,000 times at
commercial temperature or 10,000 times at
extended temperature.
The boot block is located at either the
bottom (Standard) or the top (Special
Order) of the address map in order to
accommodate
different
microprocessor
protocols for boot code location. Locking
and unlocking of the boot block is controlled
by WP and/or RP.
Intel's boot block architecture provides a
flexible solution for the different design
needs
of
various
applications.
The
asymmetrically-blocked
memory
map
allows the integration of several memory
components into a single flash device. The
boot block provides a secure boot PROM;
the
parameter
blocks
can
emulate
EEPROM functionality for parameter store
with proper software techniques; and the
main blocks provide code and data storage
with access times fast enough to execute
code
in
place,
decreasing
RAM
requirements.
For Detail Information regarding the
operation of the 28F800BV Memory die,
see the Intel datasheet (order number
290539-002).
General Description, Cont’d,
SmartDie™ is a Trademark of Intel Corporation


Similar Part No. - ACT-S1M32T-100F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-017P2Q AEROFLEX-ACT-S128K32C-017P2Q Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-017P7Q AEROFLEX-ACT-S128K32C-017P7Q Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-020P2Q AEROFLEX-ACT-S128K32C-020P2Q Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-020P7Q AEROFLEX-ACT-S128K32C-020P7Q Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-S1M32T-100F14Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com