Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D571-10F Datasheet(PDF) 1 Page - Agere Systems

Part # D571-10F
Description  D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D571-10F Datasheet(HTML) 1 Page - Agere Systems

  D571-10F Datasheet HTML 1Page - Agere Systems D571-10F Datasheet HTML 2Page - Agere Systems D571-10F Datasheet HTML 3Page - Agere Systems D571-10F Datasheet HTML 4Page - Agere Systems D571-10F Datasheet HTML 5Page - Agere Systems D571-10F Datasheet HTML 6Page - Agere Systems D571-10F Datasheet HTML 7Page - Agere Systems D571-10F Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advance Data Sheet
April 2000
D571-Type Digital 1.5
µm Uncooled DFB
FastLight ™ Laser Module
The low-profile D571-Type Laser Module is ideally suited for
short- and long-haul SONET and other high-speed digital
applications.
Features
s
Eight-pin package suitable for SONET/SDH
applications
s
Narrow linewidth, distributed-feedback, multiquan-
tum-well (DFB-MQW), 1510 nm or 1550 nm laser
with single-mode fiber pigtail
s
Available in narrow and wide temperature ranges
s
No TEC required
s
High output power:
— Typical 2.0 mW peak power coupled into single-
mode fiber
— 1.0 mW devices are also available
s
Hermetically sealed active components
s
Internal back-facet monitor
s
Qualification program:
Telcordia Technologies *
TA-983
*
Telcordia Technologies is a trademark of Bell Communications
Research, Inc.
Applications
s
Long-reach SONET OC-3/STM-1, OC-12/STM-4
systems
s
Telecommunications
s
Secure digital data systems
Benefits
s
Easily board mounted
s
Requires no lead bending
s
No additional heat sinks required
s
Pin compatible with industry-standard 14-pin laser
module
s
Highly efficient DFB-MQW laser structure allows
for lower threshold and drive currents, and reduced
power consumption
Description
The D571-Type Uncooled Laser Module consists of a
laser diode coupled to a single-mode fiber pigtail.
The device is available in a standard, 8-pin configu-
ration (see Figure 1 and/or Table 1) and is ideal for
long-reach (SONET) and other high-speed digital
applications.
The laser diode is a narrow linewidth (<1 nm) DFB-
MQW single-mode laser and an InGaAs PIN photo-
diode back-facet monitor in an epoxy-free, hermeti-
cally sealed package.


Similar Part No. - D571-10F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-102000-A000G SLPOWER-D57-102000-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-K000G SLPOWER-D57-102000-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-102000-N000G SLPOWER-D57-102000-N000G Datasheet
20Kb / 2P
   D57 Desktop (IEC) Unregulated 20 Watts Series
D57-111818-A000G SLPOWER-D57-111818-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-111818-K000G SLPOWER-D57-111818-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D571-10F

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
D2500 AGERE-D2500 Datasheet
267Kb / 8P
   1.5 m m D2500-Type Digital Isolated DFB Laser Module
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com