Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRR1A16G Datasheet(PDF) 5 Page - Agere Systems

Part # BRR1A16G
Description  Quad Differential Receivers BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BRR1A16G Datasheet(HTML) 5 Page - Agere Systems

  BRR1A16G Datasheet HTML 1Page - Agere Systems BRR1A16G Datasheet HTML 2Page - Agere Systems BRR1A16G Datasheet HTML 3Page - Agere Systems BRR1A16G Datasheet HTML 4Page - Agere Systems BRR1A16G Datasheet HTML 5Page - Agere Systems BRR1A16G Datasheet HTML 6Page - Agere Systems BRR1A16G Datasheet HTML 7Page - Agere Systems BRR1A16G Datasheet HTML 8Page - Agere Systems BRR1A16G Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Agere Systems Inc.
5
Data Sheet
April 2001
BRF1A, BRF2A, BRS2B, BRR1A, and BRT1A
Quad Differential Receivers
Timing Characteristics (continued)
12-2251.b(F)
Figure 4. Receiver Propagation Delay Timing
12-253.b(F)
* E2 = 1 while E1 changes state.
† E1 = 0 while E2 changes state.
Figure 5. Receiver Enable and Disable Timing
Test Conditions
Parametric values specified under the Electrical Characteristics and Timing Characteristics sections for the data
transmission driver devices are measured with the following output load circuits.
12-2249(F)
* Includes probe and jig capacitances.
Note: All 458E, IN4148, or equivalent diodes.
Figure 6. Receiver Propagation Delay Test Circuit
INPUT
OUTPUT
INPUT
80%
20%
3.7 V
3.2 V
2.7 V
VOH
1.5 V
VOL
80%
20%
tPHL
ttHL
tPLH
ttLH
∆V = 0.5 V
∆V = 0.5 V
∆V = 0.5 V
∆V = 0.5 V
E1*
OUTPUT
tPHZ
tPZH
3 V
1.5 V
0 V
E2
3 V
1.5 V
0 V
VOH
VOL
tPZL
tPLZ
TO OUTPUT OF
DEVICE UNDER
TEST
CL
15 pF*
5 k
2 k
5 V


Similar Part No. - BRR1A16G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BRR TI-BRR Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - BRR1A16G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
National Semiconductor ...
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com