Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2517G Datasheet(PDF) 3 Page - Agere Systems

Part # D2517G
Description  1.5 m m D2500-Type Digital Isolated DFB Laser Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2517G Datasheet(HTML) 3 Page - Agere Systems

  D2517G Datasheet HTML 1Page - Agere Systems D2517G Datasheet HTML 2Page - Agere Systems D2517G Datasheet HTML 3Page - Agere Systems D2517G Datasheet HTML 4Page - Agere Systems D2517G Datasheet HTML 5Page - Agere Systems D2517G Datasheet HTML 6Page - Agere Systems D2517G Datasheet HTML 7Page - Agere Systems D2517G Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
February 2000
Lucent Technologies Inc.
3
Isolated DFB Laser Module
1.5
µm D2500-Type Digital
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the performance characteristics of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
* Does not apply to shipping container.
Parameter
Symbol
Min
Max
Unit
Laser Reverse Voltage
VRLMAX
—2
V
dc Forward Current
IFLMAX
150
mA
Operating Case Temperature Range
TC
40
70
°C
Storage Case Temperature Range*
Tstg
40
85
°C
Photodiode Reverse Voltage
VRPDMAX
10
V
Photodiode Forward Current
IFPDMAX
—1
mA
Handling Precautions
Power Sequencing
To avoid the possibility of damage to the laser module
from power supply switching transients, follow this turn-
on sequence:
1. All ground connections
2. Most negative supply
3. Most positive supply
4. All remaining connections
Reverse the order for the proper turn-off sequence.
Electrostatic Discharge
CAUTION: This device is susceptible to damage as
a result of electrostatic discharge. Take
proper precautions during both handling
and testing. Follow guidelines such as
JEDEC Publication No. 108-A (Dec.
1988).
Lucent employs a human-body model (HBM) for ESD-
susceptibility testing and protection-design evaluation.
ESD voltage thresholds are dependent on the critical
parameters used to define the model. A standard HBM
(resistance = 1.5 k
Ω, capacitance = 100 pF) is widely
used and, therefore, can be used for comparison pur-
poses. The HBM ESD threshold presented here was
obtained using these circuit parameters:
Mounting Instructions
The minimum fiber bend radius is 30 mm (1.18 in.).
To avoid degradation in performance, mount the mod-
ule on the board as follows:
1. Place the bottom flange of the module on a flat heat
sink at least 0.5 in. x 1.180 in. (12.7 mm x 30 mm) in
size. The surface finish of the heat sink should be
better than 32
µin. (0.8 µm), and the surface flatness
must be better than 0.001 in. (25.4
µm). Using ther-
mal conductive grease is optional; however, thermal
performance can be improved by up to 5% if conduc-
tive grease is applied between the bottom flange and
the heat sink.
2. Mount four #2-56 screws with Fillister heads
(M2-3 mm) at the four screw-hole locations (see Out-
line Diagram). The Fillister head diameter must not
exceed 0.140 in. (3.55 mm). Do not apply more than
1 in.-lb. of torque to the screws.
Note: Dimensions are in inches and (millimeters).
Figure 2. Fillister Head Screw
Parameter
Value
Unit
Human-body Model
>400
V
1-532
0.118
(3.00)
0.062 (1.58)
0.140
(3.56)
0.031 (0.79)
0.129 (3.28) R
0.086
(2.18)
0.041 (1.04)


Similar Part No. - D2517G

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D2516-6V0C-AR-WE 3M-D2516-6V0C-AR-WE Datasheet
1Mb / 6P
   .100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
logo
Kingston Technology Far...
D2516EC4BXGGB KINGSTON-D2516EC4BXGGB Datasheet
1Mb / 25P
   4G bist DDR3L SDRAM
06/10/13
D2516ECMDXGJD KINGSTON-D2516ECMDXGJD Datasheet
3Mb / 2P
   Kingston DDR3/3L DRAM for embedded applications
D2516ECMDXGJD-U KINGSTON-D2516ECMDXGJD-U Datasheet
3Mb / 2P
   Kingston DDR3/3L DRAM for embedded applications
D2516ECMDXGJDI KINGSTON-D2516ECMDXGJDI Datasheet
425Kb / 2P
   Kingston i-Temp DDR3/3L DRAM for embedded applications
More results

Similar Description - D2517G

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D571 AGERE-D571 Datasheet
200Kb / 8P
   D571-Type Digital 1.5 m m Uncooled DFB FastLight ??Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
logo
Agere Systems
D572 AGERE-D572 Datasheet
370Kb / 8P
   D572-Type 1.5 m m Uncooled DFB FastLight ??Laser Module for 2.5 Gbits/s and High Bandwidth Applications
D371 AGERE-D371 Datasheet
54Kb / 8P
   D371-Type Digital Uncooled DFB Laser Module
A371 AGERE-A371 Datasheet
168Kb / 8P
   A371-Type Analog Uncooled Isolated DFB FastLight ??Laser Module
logo
OKI electronic componet...
OL4492L OKI-OL4492L Datasheet
52Kb / 6P
   1.48, 1.51, 1.52 關m Coaxial DFB Laser Module
logo
Roithner LaserTechnik G...
DFB-2004-3 ROITHNER-DFB-2004-3 Datasheet
239Kb / 3P
   2.0 關m DFB laser diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com