Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW0Q14A Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # STW0Q14A
Description  Pb-Free Reflow soldering application RoHS copliant
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW0Q14A Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button STW0Q14A Datasheet HTML 4Page - Seoul Semiconductor STW0Q14A Datasheet HTML 5Page - Seoul Semiconductor STW0Q14A Datasheet HTML 6Page - Seoul Semiconductor STW0Q14A Datasheet HTML 7Page - Seoul Semiconductor STW0Q14A Datasheet HTML 8Page - Seoul Semiconductor STW0Q14A Datasheet HTML 9Page - Seoul Semiconductor STW0Q14A Datasheet HTML 10Page - Seoul Semiconductor STW0Q14A Datasheet HTML 11Page - Seoul Semiconductor STW0Q14A Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev. 02
Rev. 02
April, 2011
April, 2011
Document No. : SSC- QP- 7- 07- 24
5. Reliability Test Items and Conditions
-
LSL [2] × 0.7
I
F =60mA
I
V
Luminous Intensity
USL [1] × 1.2
-
I
F =60mA
V
F
Forward Voltage
MAX
MIN
Criteria for Judgment
Condition
Symbol
Item
Note : [1] USL : Upper Standard Level
[2] LSL : Lower Standard Level
□ CRITERIA FOR JUDGING THE DAMAGE
0/22
3 Time
260
℃< 10sec. Reflow Soldering
Tsol
Reflow
0/22
3 Time
5KV at 1.5k
Ω; 100pF
MIL-STD-
883D
ESD(HBM)
0/22
1000 Hours
T
a =-40
oC, I
F =60mA
Internal
Reference
Low Temperature
Life Test
0/22
500 Hours
T
a =85
oC, I
F =60mA
Internal
Reference
High Temperature
Life Test
0/22
500 Hours
T
a =60
oC, RH=90%, I
F =60mA
Internal
Reference
High Temperature
High Humidity Life
Test
0/22
1000 Hours
T
a =25
oC, I
F =60mA
Internal
Reference
Operating
Endurance Test
0/22
1000 Hours
T
a =-40
oC
EIAJ
ED-4701
Low Temperature
Storage
0/22
1000 Hours
T
a =60
oC, RH=90%
EIAJ
ED-4701
High Temp. High
Humidity Storage
0/22
1000 Hours
T
a =100
oC
EIAJ
ED-4701
High Temperature
Storage
0/22
100 Cycle
T
a =-40
oC(30min) ~
100oC(30min)
EIAJ
ED-4701
Thermal Shock
Number
of
Damaged
Duration
/ Cycle
Test Conditions
Reference
Item


Similar Part No. - STW0Q14A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW0Q2PA SEOUL-STW0Q2PA Datasheet
3Mb / 24P
   Lead Frame type LED PKG
More results

Similar Description - STW0Q14A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SFT825Z-S SEOUL-SFT825Z-S_09 Datasheet
746Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
SFT825N-S SEOUL-SFT825N-S_09 Datasheet
736Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
logo
NICHIA CORPORATION
NTSL757G NICHIA-NTSL757G Datasheet
658Kb / 25P
   Pb-free Reflow Soldering Application
NVSA219B-V1 NICHIA-NVSA219B-V1 Datasheet
444Kb / 18P
   Pb-free Reflow Soldering Application
NSSMV01A NICHIA-NSSMV01A Datasheet
545Kb / 17P
   Pb-free Reflow Soldering Application
NCSR119B-V1 NICHIA-NCSR119B-V1 Datasheet
434Kb / 18P
   Pb-free Reflow Soldering Application
NFSL172A NICHIA-NFSL172A Datasheet
450Kb / 17P
   Pb-free Reflow Soldering Application
logo
Seoul Semiconductor
STW8Q2PA SEOUL-STW8Q2PA Datasheet
576Kb / 21P
   Pb-Free Reflow soldering application
logo
Ningbo Foryard Optoelec...
FYLS-0605URUGC FORYARD-FYLS-0605URUGC Datasheet
493Kb / 8P
   Pb-free Reflow soldering application
logo
NICHIA CORPORATION
NSSM032A NICHIA-NSSM032A_15 Datasheet
535Kb / 17P
   Pb-free Reflow Soldering Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com