Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJE-2V08W1P3 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SMJE-2V08W1P3
Description  Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-2V08W1P3 Datasheet(HTML) 1 Page - Seoul Semiconductor

  SMJE-2V08W1P3_13 Datasheet HTML 1Page - Seoul Semiconductor SMJE-2V08W1P3_13 Datasheet HTML 2Page - Seoul Semiconductor SMJE-2V08W1P3_13 Datasheet HTML 3Page - Seoul Semiconductor SMJE-2V08W1P3_13 Datasheet HTML 4Page - Seoul Semiconductor SMJE-2V08W1P3_13 Datasheet HTML 5Page - Seoul Semiconductor SMJE-2V08W1P3_13 Datasheet HTML 6Page - Seoul Semiconductor SMJE-2V08W1P3_13 Datasheet HTML 7Page - Seoul Semiconductor SMJE-2V08W1P3_13 Datasheet HTML 8Page - Seoul Semiconductor SMJE-2V08W1P3_13 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
RoHS
1
SSC
Customer
Drawn
Approval
Approval
Specification
Acrich2 – Bulb
120V 8.5W
SMJE-2V08W1P3


Similar Part No. - SMJE-2V08W1P3_13

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3 Datasheet
688Kb / 17P
   Acrich2 series designed for AC drive(or operation)...
More results

Similar Description - SMJE-2V08W1P3_13

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD12W4P3 SEOUL-SMJD-XD12W4P3 Datasheet
1Mb / 23P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com